Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C040 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT28C040
Description  Automatic Page Write Operation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C040 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT28C040_14 Datasheet HTML 5Page - ATMEL Corporation AT28C040_14 Datasheet HTML 6Page - ATMEL Corporation AT28C040_14 Datasheet HTML 7Page - ATMEL Corporation AT28C040_14 Datasheet HTML 8Page - ATMEL Corporation AT28C040_14 Datasheet HTML 9Page - ATMEL Corporation AT28C040_14 Datasheet HTML 10Page - ATMEL Corporation AT28C040_14 Datasheet HTML 11Page - ATMEL Corporation AT28C040_14 Datasheet HTML 12Page - ATMEL Corporation AT28C040_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
0542F–PEEPR–2/09
AT28C040
17. Page Mode Write Waveforms(1)(2)
Notes:
1. A8 through A18 must specify the page address during each high to low transition of WE (or CE).
2. OE must be high only when WE and CE are both low.
16. Page Mode Characteristics
Symbol
Parameter
Min
Max
Units
t
WC
Write Cycle Time
10
ms
tAS
Address Set-up Time
0
ns
t
AH
Address Hold Time
50
ns
tDS
Data Set-up Time
50
ns
tDH
Data Hold Time
0
ns
t
WP
Write Pulse Width
100
ns
tBLC
Byte Load Cycle Time
150
μs
tWPH
Write Pulse Width High
50
ns


Similar Part No. - AT28C040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C040-20 ATMEL-AT28C040-20 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C040-20BC ATMEL-AT28C040-20BC Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C040-20BI ATMEL-AT28C040-20BI Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C040-20BISL703 ATMEL-AT28C040-20BISL703 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C040-20FC ATMEL-AT28C040-20FC Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
More results

Similar Description - AT28C040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256_14 Datasheet
665Kb / 25P
   Automatic Page Write Operation
AT28C010 ATMEL-AT28C010_14 Datasheet
476Kb / 17P
   Automatic Page Write Operation
AT28C64B ATMEL-AT28C64B_14 Datasheet
313Kb / 18P
   Automatic Page Write Operation
AT28C010-12DK ATMEL-AT28C010-12DK_14 Datasheet
361Kb / 19P
   Automatic Page Write Operation
AT28HC64BF ATMEL-AT28HC64BF_14 Datasheet
373Kb / 16P
   Automatic Page Write Operation
AT28HC64B ATMEL-AT28HC64B_14 Datasheet
394Kb / 17P
   Automatic Page Write Operation
AT28HC256N ATMEL-AT28HC256N_14 Datasheet
243Kb / 13P
   Automatic Page Write Operation
AT28BV256 ATMEL-AT28BV256_14 Datasheet
301Kb / 17P
   Automatic Page Write Operation
AT45DB321 ATMEL-AT45DB321_14 Datasheet
320Kb / 21P
   Page Program Operation
AT45D011 ATMEL-AT45D011_14 Datasheet
277Kb / 21P
   Page Program Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com