Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMC3842 Datasheet(PDF) 9 Page - Hi-Sincerity Mocroelectronics

Part # HSMC3842
Description  HIGH PERFORMANCE CURRENT MODE CONTROLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSMC3842 Datasheet(HTML) 9 Page - Hi-Sincerity Mocroelectronics

Back Button HSMC3842 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSMC3842 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSMC3842 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HSMC3842 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HSMC3842 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics HSMC3842 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics HSMC3842 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics HSMC3842 Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics HSMC3842 Datasheet HTML 10Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HP200202
Issued Date : 1998.08.01
Revised Date : 2002.12.03
Page No. : 9/10
H3842P
HSMC Product Specification
Rs
Vclamp
Comp/Latch
Q1
BC109
Vcc
Vin
7
6
5
1
2
R2
5Vref
C
R
2R
5
EA
+
-
1mA
+
R
R
4
8
OSC
BIAS
S
R
Q
+
1V
+
-
R1
7
External Duty Cycle Clamp and Multi Unit Synchronization
Soft-Start Circuit
Soft-Start and Error Amplifier Output Duty Cycle Clamp
1
2
1MΩ
5Vref
C
R
2R
5
EA
+
-
1mA
+
R
R
4
8
OSC
BIAS
S
R
Q
+
-
1V
+
-
R
R
R
2R
1
2
4
5
8
+
EA
OSC
BIAS
RA
RB
5KΩ
5KΩ
5KΩ
C
2
3
4
5
6
7
8
1
+
-
R
S
Q
Vref
NE555
To Additional
H3842
+
-
+
-
f=1.44/((RA+2RB)C), Dmax=RB/(RA+2RB)
Vclamp=R1/(R1+R2) where 0<Vclamp<1V, Ipk(max)=Vclamp/RS


Similar Part No. - HSMC3842

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HSMC-1-XX-1-GT ADAM-TECH-HSMC-1-XX-1-GT Datasheet
112Kb / 1P
   909 Rahway Avenue
logo
Agilent(Hewlett-Packard...
HSMC-A100-J00J1 HP-HSMC-A100-J00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-J00J1 AVAGO-HSMC-A100-J00J1 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMC-A100-J00J1 HP-HSMC-A100-J00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A100-N00H1 BOARDCOM-HSMC-A100-N00H1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMC3842

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC3842 GTM-GSC3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
GP3842 GTM-GP3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
List of Unclassifed Man...
GP3842 ETC2-GP3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
SeCoS Halbleitertechnol...
SPW3842S SECOS-SPW3842S Datasheet
1Mb / 10P
   High Performance Current Mode Controlers
logo
GTM CORPORATION
GSC3843 GTM-GSC3843 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
GP3843 GTM-GP3843 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
Hi-Sincerity Mocroelect...
H3842S HSMC-H3842S Datasheet
155Kb / 10P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
SeCoS Halbleitertechnol...
SPW3842D SECOS-SPW3842D Datasheet
1Mb / 10P
   High Performance Current Mode Controlers
logo
List of Unclassifed Man...
AX3842 ETC-AX3842 Datasheet
265Kb / 12P
   High Performance Current Mode Pwm Controlers
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com