Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141CL-2A-E3 Datasheet(PDF) 4 Page - NEC

Part # PS7141CL-2A-E3
Description  8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7141CL-2A-E3 Datasheet(HTML) 4 Page - NEC

  PS7141CL-2A-E3 Datasheet HTML 1Page - NEC PS7141CL-2A-E3 Datasheet HTML 2Page - NEC PS7141CL-2A-E3 Datasheet HTML 3Page - NEC PS7141CL-2A-E3 Datasheet HTML 4Page - NEC PS7141CL-2A-E3 Datasheet HTML 5Page - NEC PS7141CL-2A-E3 Datasheet HTML 6Page - NEC PS7141CL-2A-E3 Datasheet HTML 7Page - NEC PS7141CL-2A-E3 Datasheet HTML 8Page - NEC PS7141CL-2A-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P13861EJ6V0DS00
4
PS7141C-2A,PS7141CL-2A
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
µA
MOS FET
Off-state Leakage Current
ILoff
VD = 400 V
0.03
1.0
µA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
65
pF/ch
Coupled
LED On-state Current
IFon
IL = 120 mA
2.0
mA
On-state Resistance
Ron1
IF = 10 mA, IL = 10 mA
26
35
Ron2
IF = 10 mA, IL = 120 mA, t
≤ 10 ms
22
30
Turn-on Time
*1
ton
IF = 10 mA, VO = 5 V, PW
≥ 10 ms
0.6
2.0
ms
Turn-off Time
*1
toff
0.03
1.0
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
1.1
pF/ch
Limit Current
ILMT
IF = 10 mA, t = 5 ms, VL = 6 V
170
200
250
mA/ch
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
ton
toff
10 %
90 %
0
VO = 5 V
50 %
Output
Input


Similar Part No. - PS7141CL-2A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141CL-2A-E3 CEL-PS7141CL-2A-E3 Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7141CL-2A-E3-A CEL-PS7141CL-2A-E3-A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
More results

Similar Description - PS7141CL-2A-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7141C-2A RENESAS-PS7141C-2A Datasheet
259Kb / 15P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7113-1A NEC-PS7113-1A Datasheet
82Kb / 12P
   6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341C-1A CEL-PS7341C-1A Datasheet
356Kb / 11P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341C-1A NEC-PS7341C-1A Datasheet
108Kb / 14P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341C-1A RENESAS-PS7341C-1A Datasheet
263Kb / 16P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7522-1A NEC-PS7522-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com