Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32572 Datasheet(PDF) 6 Page - TDK Electronics

Part No. B32572
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32572 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B32572 Datasheet HTML 2Page - TDK Electronics B32572 Datasheet HTML 3Page - TDK Electronics B32572 Datasheet HTML 4Page - TDK Electronics B32572 Datasheet HTML 5Page - TDK Electronics B32572 Datasheet HTML 6Page - TDK Electronics B32572 Datasheet HTML 7Page - TDK Electronics B32572 Datasheet HTML 8Page - TDK Electronics B32572 Datasheet HTML 9Page - TDK Electronics B32572 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1) Test criteria must be met after exposure to damp heat for 21 days
Technical data
Operating temperature range
Max. operating temperature Top,max
+125
°C
Upper category temperature Tmax
+125
°C
Lower category temperature Tmin
55
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ (in 10-3) at
CR
≤ 1 µF
CR > 1
µF
at 20
°C
1 kHz
8
10
(upper limit values)
10 kHz
15
Time constant
τ = C
R
Rins
2500 s
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
DC test voltage
1.6
VR, 2 s
Category voltage VC
TA (
°C)
DC voltage derating
AC voltage derating
(continuous operation with VDC TA
≤ 85
VC = VR
VC,RMS = VRMS
or VAC at f
≤ 60 Hz)
85<TA
≤125 V
C = VR
(165 TA)/80
VC,RMS=VRMS (165 TA)/80
Max. charging voltage Cch
1.2
VR for
≤ 1 s
Damp heat test
56 days1)/40
°C/93% relative humidity
Limit values after damp
Capacitance change
∆C/C
≤ 5%
heat test
Dissipation factor change
∆ tan δ
≤ 3 10-3 (at 1 kHz)
≤ 5 10-3 (at 10 kHz)
Time constant
τ = C
R
Rins
≥ 50% of minimum
as-delivered values
Reliability:
Failure rate
λ
1 fit (
≤ 2 10-9/h) at 0.5 V
R, 40
°C
Service life tSL
200 000 h at 1.0
VR, 85
°C
For conversion to other operating conditions and temperatures,
refer to chapter "Quality, 2 Reliability".
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
Capacitance change
∆C/C
> 10%
of parameters
Dissipation factor tan
δ
> 2
upper limit value
Time constant
τ = C
R
Rins
< 50 s
B32572, B32573
Ignition (stacked) SilverCapTM
Page 6 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn