Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32572 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B32572
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32572 Datasheet(HTML) 4 Page - TDK Electronics

  B32572 Datasheet HTML 1Page - TDK Electronics B32572 Datasheet HTML 2Page - TDK Electronics B32572 Datasheet HTML 3Page - TDK Electronics B32572 Datasheet HTML 4Page - TDK Electronics B32572 Datasheet HTML 5Page - TDK Electronics B32572 Datasheet HTML 6Page - TDK Electronics B32572 Datasheet HTML 7Page - TDK Electronics B32572 Datasheet HTML 8Page - TDK Electronics B32572 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Special dimensions available on request.
For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code
+ =
Capacitance tolerance code:
M =
±20%
K =
±10%
J =
±5%
250
160
0.68
7.0
× 11.0 × 16.5 B32572A3684+000
1800
1.0
9.1
× 11.7 × 16.5 B32572A3105+000
1200
1.5
11.5
× 13.5 × 16.5 B32572A3155+000
800
2.2
11.5
× 19.8 × 16.5 B32572A3225+000
600
B32572
Ignition (stacked) SilverCapTM
Page 4 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn