Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32572 Datasheet(PDF) 3 Page - TDK Electronics

Part No. B32572
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32572 Datasheet(HTML) 3 Page - TDK Electronics

  B32572 Datasheet HTML 1Page - TDK Electronics B32572 Datasheet HTML 2Page - TDK Electronics B32572 Datasheet HTML 3Page - TDK Electronics B32572 Datasheet HTML 4Page - TDK Electronics B32572 Datasheet HTML 5Page - TDK Electronics B32572 Datasheet HTML 6Page - TDK Electronics B32572 Datasheet HTML 7Page - TDK Electronics B32572 Datasheet HTML 8Page - TDK Electronics B32572 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Overview of available types
Lead spacing 15.0 mm
22.5 mm
Type
B32572
B32573
Page
4
5
VR (V DC)
250
250
VRMS (V AC)
160
160
CR (
µF)
0.68
1.0
1.5
2.2
B32572, B32573
Ignition (stacked) SilverCapTM
Page 3 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn