Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32572 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B32572
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32572 Datasheet(HTML) 2 Page - TDK Electronics

  B32572 Datasheet HTML 1Page - TDK Electronics B32572 Datasheet HTML 2Page - TDK Electronics B32572 Datasheet HTML 3Page - TDK Electronics B32572 Datasheet HTML 4Page - TDK Electronics B32572 Datasheet HTML 5Page - TDK Electronics B32572 Datasheet HTML 6Page - TDK Electronics B32572 Datasheet HTML 7Page - TDK Electronics B32572 Datasheet HTML 8Page - TDK Electronics B32572 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Typical applications
Ignition for gas, engines, generators
Energy storage
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/125/56
Features
Special dimensions available on request
High pulse strength
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Stacked-film technology
Uncoated
Terminals
Parallel wire leads, lead-free tinned
Marking
Rated capacitance (coded),
rated DC voltage
Delivery mode
Bulk (untaped)
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
15.0
0.8
B32572
22.5
0.8
B32573
Notes on mounting
When mounting these capacitors, take into account creepage distances and clearances to
adjacent live parts. The insulating strength of the cut surfaces to other live parts of the circuit is
1.5 times the capacitors rated DC voltage, but is always at least 300 V DC.
Metallized polyester film capacitors (MKT)
B32572, B32573
Ignition (stacked) SilverCapTM
Page 2 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn