Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNT2E472MSE Datasheet(PDF) 1 Page - Nichicon corporation

Part # LNT2E472MSE
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNT2E472MSE Datasheet(HTML) 1 Page - Nichicon corporation

  LNT2E472MSE Datasheet HTML 1Page - Nichicon corporation LNT2E472MSE Datasheet HTML 2Page - Nichicon corporation LNT2E472MSE Datasheet HTML 3Page - Nichicon corporation LNT2E472MSE Datasheet HTML 4Page - Nichicon corporation LNT2E472MSE Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Performance Characteristics
Item
Pressure relief vent
29
±1
24
7
+
Sleeve
Bottom plate
6
±1
Hexagenal headed bolt (M5)
L+3MAX.
15
±0.5
10
φ35 Screw terminal type
L
1
N
2
T
3
2
4
W
5
2
6
2
7
2
8
M
9
S
10
EG
11
12
13 14
Capacitance tolerance (±20%)
Case dia. code
Mounting bracket
(
φ35)
(
φ51 to φ90)
φD
Rated capacitance (2200
µF)
Rated voltage (450V)
Series name
Type
51
63.5
76.2
90
100
F
35
C
G
H
J
K
Code
Code less
BB
3-leg brackets
2-leg brackets
BN
No brackets
(
φ100)
Code less
BN
3-leg brackets
No brackets
Code less 2-leg brackets
BN
No brackets
Configuration
Configuration
Cr ( III) Plating
(RoHS compliant)
SE
Please refer to page 330 for schematic of dimensions.
Please contact to us if PVCless products are required.
ALUMINUM ELECTROLYTIC CAPACITORS
NT
series
Screw Terminal Type, 105°C Standard
Load life of 5,000 hours (2,000 hours for 10~250V,500V) application
of rated ripple current at +105°C.
Extended voltage range from 10V up to 500V.
Extended range up to
φ100 × 250L 2size.
Compliant to the RoHS directive (2011/65/EU).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle
(tan
δ) (MAX)
Stability at Low Temperature
Endurance
Shelf Life
Marking
40 to +105°C (10 to 100V) , 25 to +105°C (160 to 500V)
10 to 500V
220 to 1500000µF
± 20% at 120Hz, 20°C
After 5 minutes’ application of rated voltage, leakage current is not more than
(µA) or 5mA, whichever is smaller. (at 20°C) [C:Rated Capacitance (µF) , V:Voltage(V)]
Printed with white color letter on black sleeve.
Measurement frequency:120Hz, Temperature:20°C
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 5000 hours (2000 hours for 10 to
250V/500V) at 105°C, the peak voltage shall not exceed the
rated voltage.
After storing the capacitors under no load at 105°C
for 1000 hours and then performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the requirements listed at right.
Type numbering system
Voltage 250V or less (Example : 250V 3300µF)
Voltage 350V or more (Example : 450V 2200µF)
NT
NR
Measurement frequency : 120Hz
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage(V)
Impedance ratio
ZT/Z20(MAX.)
10 to 100
12
160 to 500
8
Capacitance change
Leakage current
tan
δ
Within ±20% of the initial capacitance value
Less than or equal to the initial specified value
300% or less than the initial specified value
Capacitance change
Leakage current
tan
δ
Within ±20% of the initial capacitance value
Less than or equal to the initial specified value
300% or less than the initial specified value
High
Te m p e rature
35
51
63.5
76.2
90
100
φD
10
0.65
0.80
0.85
1.2
2.0
2.0
2.4
2.4
16
0.45
0.6
0.6
0.8
1.2
1.2
2.0
2.0
25
0.4
0.5
0.5
0.65
0.7
0.9
0.9
1.5
1.5
35
0.3
0.4
0.4
0.5
0.7
0.7
1.0
1.0
50
0.25
0.25
0.3
0.35
0.35
0.55
0.55
0.75
0.75
63
0.25
0.25
0.3
0.3
0.5
0.5
0.6
0.6
80
0.2
0.2
0.25
0.3
0.35
0.4
0.4
100
0.12
0.15
0.2
0.3
0.3
0.3
0.3
160 to 250
0.15
0.15
0.2
0.2
0.2
0.25
0.25
350 to 500
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
80 to 100
80 to 100
120
100
110 to 130
100
120 to 150
140 to 220
220 250
V
L
Drawing
L
1
N
2
T
3
2
4
E
5
3
6
3
7
2
8
12
M
9
S
10
E
11
Mounting bracket
Capacitance tolerance (
±20%)
Rated capacitance (3300
µF)
Rated voltage (250V)
Series name
Type
(
φ35)
(
φ51 to φ100)
Code less
B
3-leg brackets
2-leg brackets
N
No brackets
Code less 2-leg brackets
N
No brackets
Configuration
3 CV
Dimension table in next page.
NU
Smaller
High Voltage
CAT.8100C


Similar Part No. - LNT2E472MSE

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNT2E473SEG NICHICON-LNT2E473SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
LNT2E474SEG NICHICON-LNT2E474SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LNT2E472MSE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com