Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFR1J471 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFR1J471
Description  Aluminum Electrolytic Capacitors/ FR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1J471 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFR1J471 Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1J471 Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1J471 Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1J471 Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1J471 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
– EEE-83 –
Case size/Impedance/Ripple current
W.V.(V.DC)
6.3 V to 35 V
50 V
Case size
(0D×L)
Impedance
(
Ω/100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
Impedance
(
Ω/100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
+20 °C
–10 °C
+105 °C
+20 °C
–10 °C
+105 °C
5
× 11
0.300
1.000
280
0.340
1.130
250
6.3
× 11.2
0.130
0.430
455
0.140
0.460
405
8
× 11.5
0.056
0.168
950
0.061
0.183
870
8
× 15
0.041
0.123
1240
0.045
0.135
1140
8
× 20
0.030
0.090
1560
0.033
0.099
1430
10
× 12.5
0.043
0.114
1290
0.042
0.126
1170
10
× 16
0.028
0.078
1790
0.030
0.090
1650
10
× 20
0.020
0.057
2180
0.023
0.069
1890
10
× 25
0.018
0.054
2470
0.022
0.066
2150
12.5
× 20
0.018
0.045
2600
0.022
0.055
2260
12.5
× 25
0.015
0.038
3190
0.018
0.045
2660
12.5
× 30
0.013
0.033
3630
0.016
0.040
3160
12.5
× 35
0.012
0.030
3750
0.014
0.035
3270
16
× 20
0.017
0.043
3300
0.019
0.048
2870
16
× 25
0.014
0.035
3820
0.016
0.040
3320
W.V.(V.DC)
63 V
Case size
(
0D×L)
Impedance
(
Ω/100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
+20 °C
–10 °C
+105 °C
5
× 11
0.510
2.040
175
6.3
× 11.2
0.210
0.840
284
8
× 11.5
0.092
0.368
566
8
× 15
0.068
0.272
741
8
× 20
0.050
0.200
930
10
× 12.5
0.063
0.252
761
10
× 16
0.045
0.180
1073
10
× 20
0.035
0.140
1229
10
× 25
0.033
0.132
1500
12.5
× 20
0.033
0.125
1582
12.5
× 25
0.027
0.092
1995
12.5
× 30
0.024
0.082
2528
12.5
× 35
0.021
0.071
2780
16
× 20
0.029
0.093
2153
16
× 25
0.024
0.074
2988
W.V.(V.DC)
100 V
Case size
(0D×L)
Impedance
(
Ω/100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
+20 °C
–10 °C
+105 °C
10
× 20
0.084
0.336
1500
06 Nov. 2014


Similar Part No. - EEUFR1J471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR1J471 PANASONIC-EEUFR1J471 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors FR
EEUFR1J471 PANASONIC-EEUFR1J471 Datasheet
149Kb / 6P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1J471 PANASONIC-EEUFR1J471 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1J471 PANASONIC-EEUFR1J471 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1J471 PANASONIC-EEUFR1J471 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEUFR1J471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FR1C101B PANASONIC-EEU-FR1C101B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Battery Group
EEU-FR1V821L PANASONICBATTERY-EEU-FR1V821L Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Semiconductor
EEU-FR1V152S PANASONIC-EEU-FR1V152S Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J181B PANASONIC-EEU-FR1J181B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1E821B PANASONIC-EEU-FR1E821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR0J821B PANASONIC-EEU-FR0J821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C152 PANASONIC-EEU-FR1C152 Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J271UB PANASONIC-EEU-FR1J271UB Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C471 PANASONIC-EEU-FR1C471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1V271B PANASONIC-EEUFR1V271B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com