Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC234-1764-005 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # IC234-1764-005
Description  Series Overview QFP (Quad Flat Packages, Gullwing Leads)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC234-1764-005 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  IC234-1764-005 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC234-1764-005 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC234-1764-005 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC234-1764-005 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. IC234-1764-005 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. IC234-1764-005 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
.. Test & Burn-In
Speci cations
Insulation Resistance:
1,000MΩ min. at 100V DC
Dielectric Withstanding Voltage: for 1 minute (socket depended)
Contact Resistance:
30mΩ max. at 10mA/20mV max.
Operating Temperature Range:
–40°C to +150°C (for type PEI/PSF)
–55°C to +170°C (for type PES)
–55°C to +170°C (for type PEI)
Mating Cycles:
10,000 insertions min.
Materials and Finish
Housing: Polysulphone (PSF), glass- lled
Polyethersulphone (PES), glass- lled
Polyetherimide (PEI), glass- lled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
Series Overview
*QFP (Quad Flat Packages, Gullwing Leads)
Series IC51 (Clamshell)
QFP, PQFP, TQFP and MQUAD®
Part Number (Details)
Speci cations
Insulation Resistance:
1,000MΩ min. at 500V DC
Dielectric Withstanding Voltage: 700V AC for 1 minute
Contact Resistance:
30mΩ max. at 10mA/20mV max.
Current Rating:
1A max.
Operating Temperature Range:
–55°C to +170°C
Mating Cycles:
25,000 insertions min.
Contact Force:
50g to 150g per pin
Materials and Finish
Housing: Polyetherimide (PEI), glass- lled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
Series IC51 (Clamshell)
Bumper Quad Flat Packages (BQFP)
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
IC51
100
827
4
--
Part Number (Details)
0.4mm to 1.27 Pitch
0.635mm Pitch
Speci cations
Insulation Resistance:
1,000MΩ min. at 500V DC
Dielectric Withstanding Voltage: 500V AC for 1 minute
Contact Resistance:
30mΩ max. at 10mA/20mV max.
Operating Temperature Range:
–40°C to +170°C
Contact Force:
20g to 80g per pin
Mating Cycles:
10,000 insertions min.
Materials and Finish
Housing: Polyetherimide (PEI), glass- lled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
Series IC211 (Open Top)
Bumper Quad Flat Packages (BQFP)
Part Number (Details)
0.635mm Pitch
4*
--
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
Positioning Pin:
Protection Key*
N = Without Positioning Pin
Unmarked = With Positioning Pin
K = With Protection Key
Unmarked = Without Protection Key
IC211
132
002
*
-
**Protection Key: Prevents IC from releasing during transportation
As speci cations for this product differ by pitch
and material-mix, please contact our Sales Department
for detailed information.
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
IC51
064
807
4
--
*QFP variations e.g. BQFP...
*


Similar Part No. - IC234-1764-005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC234-1764-005 ETC2-IC234-1764-005 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC234-1764-005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
IC189-0162-019 ETC2-IC189-0162-019 Datasheet
444Kb / 7P
   SOP (Small Outline Packages, Gullwing Leads)
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
List of Unclassifed Man...
PDB-C168 ETC1-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
logo
Advanced Photonix, Inc.
PDB-C156 ADVANCEDPHOTONIX-PDB-C156 Datasheet
87Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C142 ADVANCEDPHOTONIX-PDB-C142 Datasheet
91Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C145 ADVANCEDPHOTONIX-PDB-C145 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C168 ADVANCEDPHOTONIX-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C144 ADVANCEDPHOTONIX-PDB-C144 Datasheet
102Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C158 ADVANCEDPHOTONIX-PDB-C158 Datasheet
92Kb / 1P
   Plastic Photodiode Packages with Leads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com