Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32333-250 Datasheet(PDF) 6 Page - TDK Electronics

Part No. B32333-250
Description  Film Capacitors – AC Capacitors Motor run capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32333-250 Datasheet(HTML) 6 Page - TDK Electronics

  B32333-250 Datasheet HTML 1Page - TDK Electronics B32333-250 Datasheet HTML 2Page - TDK Electronics B32333-250 Datasheet HTML 3Page - TDK Electronics B32333-250 Datasheet HTML 4Page - TDK Electronics B32333-250 Datasheet HTML 5Page - TDK Electronics B32333-250 Datasheet HTML 6Page - TDK Electronics B32333-250 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Film Capacitors – AC Capacitors
B32333
Motor run capacitors
B32333 – Super MotorCap™, 250 V
FILM AC R&D
Jan 2012
Please read Cautions and warnings and
Page 6 of 7
Important notes at the end of this document.
Ordering codes:
Rated
Voltage
VR
VAC
CR
μF
Max.
dimensions
D x H
mm
Ordering code
VDE
TUV
UL
CQC
Packing
units
1
25 x 72
B32333I1105J0#x
A
A
108
1,5
25 x 72
B32333I1155J0#x
A
A
108
2
25 x 72
B32333I1205J0#x
A
A
108
2,5
25 x 72
B32333I1255J0#x
A
A
108
3
25 x 72
B32333I1305J0#x
A
A
108
3,5
25 x 72
B32333I1355J0#x
A
A
108
4
25 x 72
B32333I1405J0#x
A
A
108
5
25 x 88
B32333I1505J0#x
A
A
108
6
30 x 74
B32333I1605J0#x
A
A
80
7
30 x 74
B32333I1705J0#x
A
A
80
7,5
30 x 90
B32333I1755J0#x
A
A
80
8
30 x 90
B32333I1805J0#x
A
A
80
9
30 x 90
B32333I1905J0#x
A
A
80
10
30 x 90
B32333I1106J0#x
A
A
80
12
30 x 100
B32333I1126J0#x
A
A
80
15
30 x 115
B32333I1156J0#x
A
A
80
17
30 x 115
B32333I1176J0#x
A
A
80
20
30 x 115
B32333I1206J0#x
A
A
80
25
35 x 115
B32333I1256J0#x
--
A
63
30
35 x 115
B32333I1306J0#x
--
A
63
35
35 x 125
B32333I1356J0#x
--
A
63
36
40 x 125
B32333I1366J0#x
--
A
48
40
40 x 125
B32333I1406J0#x
--
A
48
45
40 x 125
B32333I1456J0#x
--
A
48
50
45 x 125
B32333I1506J0#x
--
A
36
55
45 x 125
B32333I1556J0#x
--
--
36
250
60
45 x 125
B32333I1606J0#x
--
--
36
Composition of ordering code:
#: construction
5
aluminum can, Option A: UL 94 V2 top
6
aluminum can, Option B: UL 94 V2/V0 top/IEC 60335-1
7
aluminum can with M 8 bolt, Option A: UL 94 V2 top
8
aluminum can with M 8 bolt, Option B: UL 94 V2/V0 top/IEC 60335-1
x :- Ordering code will be created based on cable length and receptacles on request


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn