Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32333-250 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B32333-250
Description  Film Capacitors – AC Capacitors Motor run capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32333-250 Datasheet(HTML) 4 Page - TDK Electronics

  B32333-250 Datasheet HTML 1Page - TDK Electronics B32333-250 Datasheet HTML 2Page - TDK Electronics B32333-250 Datasheet HTML 3Page - TDK Electronics B32333-250 Datasheet HTML 4Page - TDK Electronics B32333-250 Datasheet HTML 5Page - TDK Electronics B32333-250 Datasheet HTML 6Page - TDK Electronics B32333-250 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Film Capacitors – AC Capacitors
B32333
Motor run capacitors
B32333 – Super MotorCap™, 250 V
FILM AC R&D
Jan 2012
Please read Cautions and warnings and
Page 4 of 7
Important notes at the end of this document.
Approvals
VDE EN 60252-1
250 V / 85 °C:
30,000 h (class A)
Approved up to 20μF
TÜV
250 V / 85 °C:
30,000 h (class A)
Approved up to 50μF
UL 810 E106388
C
US
Approved Component 10000 AFC
Approved on request
Logistics
Delivery mode
„ EU palette as standard
„ Cardboard tape on palette
„ Pack unit, see dimension table
Cautions and warnings
6 Please read “Applications warning, installation and maintenance instructions” and the “General Safety Data Sheet for
Power Capacitors” issued by ZVEI, which are available on the internet at www.epcos.com/ac_capacitors, to ensure
optimum performance and to prevent products from failing, and in worst case, bursting and fire. Information given in the data
sheet reflects typical specifications. You are kindly requested to approve our product specifications or request our approval
for your specification before ordering.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn