Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32333-250 Datasheet(PDF) 3 Page - TDK Electronics

Part No. B32333-250
Description  Film Capacitors – AC Capacitors Motor run capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32333-250 Datasheet(HTML) 3 Page - TDK Electronics

  B32333-250 Datasheet HTML 1Page - TDK Electronics B32333-250 Datasheet HTML 2Page - TDK Electronics B32333-250 Datasheet HTML 3Page - TDK Electronics B32333-250 Datasheet HTML 4Page - TDK Electronics B32333-250 Datasheet HTML 5Page - TDK Electronics B32333-250 Datasheet HTML 6Page - TDK Electronics B32333-250 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Film Capacitors – AC Capacitors
B32333
Motor run capacitors
B32333 – Super MotorCap™, 250 V
FILM AC R&D
Jan 2012
Please read Cautions and warnings and
Page 3 of 7
Important notes at the end of this document.
Maximum ratings
Maximum permissible voltage Vmax
1.1 · VR
(VR= Rated voltage)
Maximum permissible current Imax
1.3 · IR
(IR= Rated current)
Test data
AC test voltage terminal to terminal VTT
AC test voltage terminals to can VTC
2 · VR, 2 s (routine test)
2 · VR, 60 s (type test)
2 kV AC, 2 s (routine test)
2 kV AC, 60 s (type test)
Insulation resistance Rins or time constant
τ at 20 °C,
Rel. humidity max. value 85%, annual means
≤ 65%
3,000 s
Dissipation factor tan
δ at 20 °C
≤1.0 ·10
-3 (120 Hz)
Maximum rate of voltage rise dV/dtmax
10 V/
μs
Climatic data
Climatic category
25/085/21 to IEC 60068-1
Lower category Tmin
–25 °C
Upper category Tmax
+85 °C
Damp heat test ttest
21 days
Mechanical and thermal properties
Ball pressure test to IEC 60309-1 sec. 27.3
At 125 °C
Plastic can and top disk material
See option A or option B
Option A:
„ UL 94 V2 compatible
„ Glow wire test to IEC 60695-2-1/1
Test temperature 550 °C for IR ” 0.5 A
Test temperature 850 °C for IR > 0.5 A
Self extinguish within 30 seconds of
withdrawing the glow
Option B:
„ UL 94 V2/V0 compatible
„ Glow wire test to IEC 60335-1 / IEC 60695-2-1/1
Test temperature 550 °C / 750 °C
„ Part is compatible to EN 60335-1
Self-extinguish within 2 seconds of
withdrawing glow wire
Tracking test to IEC 60112 solution A
>250 V
Protection class acc. IEC 60529 2001
IP 55
Compatibility to RoHS
Compliance to directive 2002/95/EC


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn