Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32333-250 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B32333-250
Description  Film Capacitors – AC Capacitors Motor run capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32333-250 Datasheet(HTML) 2 Page - TDK Electronics

  B32333-250 Datasheet HTML 1Page - TDK Electronics B32333-250 Datasheet HTML 2Page - TDK Electronics B32333-250 Datasheet HTML 3Page - TDK Electronics B32333-250 Datasheet HTML 4Page - TDK Electronics B32333-250 Datasheet HTML 5Page - TDK Electronics B32333-250 Datasheet HTML 6Page - TDK Electronics B32333-250 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Film Capacitors – AC Capacitors
B32333
Motor run capacitors
B32333 – Super MotorCap™, 250 V
FILM AC R&D
Jan 2012
Please read Cautions and warnings and
Page 2 of 7
Important notes at the end of this document.
Construction
„ Metallized polypropylene film
„ Aluminum can with protective aluminum cover
„ Soft polyurethane resin
Applications
„ For general sine wave applications, mainly as
motor run capacitor, e.g. compressor motor application
Features
„ Self-healing properties
„ Low dissipation factor
„ Highest safety level P2 to IEC 60252-1 2001-02
„ Overpressure disconnection device
„ High insulation resistance
„ EN 60335-1 compliance as option
Terminals
„ Twin core cable, double insulated, (H05V2V2F)
„ Twin core cable UL style on request
„ Receptacles on request
„ Compliance to IEC60112
Mounting parts (optional)
„ Threaded stud at bottom of can (M8, max. torque = 5 Nm)
Technical data and specifications
Reference standards
IEC 60252-1 2001-02, EN 60252 2001
UL 810
Life expectance to IEC 60252 2001
250 V: 30,000 h (class A)
Safety class according to IEC 60252-1 2001-02
P2
UL 810 file E 106388
Approved Component 10000 AFC
Rated capacitance CR
See table ordering codes, page 6
Tolerance
±5%
Permitted capacitance
ΔC/C
≤3 %
Rated voltage VR
250 V AC
Rated frequency fR
50 / 60 Hz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn