Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA2446-D-US Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # PDA2446-D-US
Description  Analog Pigtailed PIN Photodiodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDA2446-D-US Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  PDA2446-D-US Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDA2446-D-US Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDA2446-D-US Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDA2446-D-US Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDA2446-D-US Datasheet HTML 5Page - Agilent(Hewlett-Packard) PDA2446-D-US Datasheet HTML 6Page - Agilent(Hewlett-Packard) PDA2446-D-US Datasheet HTML 7Page - Agilent(Hewlett-Packard) PDA2446-D-US Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
532
Analog Pigtailed PIN
Photodiodes
Technical Data
PDA2446
Features
• Variety of Flange/Pinout
Options
• Compact Package
• High Reliability Planar
InGaAs PIN Photodiode
• High Responsivity
• High Linearity
• Low Back Reflection
• High Bandwidth >1.5 GHz
• –40
°C to +85°C Operating
Temperature Range
Applications
• CATV/CCTV
• Fiber in the Loop (FITL)
Description
The PDA range of products
includes a variety of compact
fiber pigtailed devices designed
for wide operating temperature,
low cost applications such as
fiber in the loop. The planar
InGaAs photodiodes are manufac-
tured using MOVPE growth
technology and give low leakage
and high responsivity perform-
ance with excellent reliability.
The construction of the devices
includes a hermetically sealed
photodiode and an actively
aligned fiber pigtail and is
designed to be compatible with
the environmental requirements
of the Bellcore TA-NWT-000983
document.
The product range includes a
variety of pinout, fiber type, and
package mounting bracket
options, designed to match the
majority of offerings in the
marketplace. If the specific
arrangement or performance you
require is not listed, please
contact Hewlett-Packard. High
flexible design and manufacturing
processes allow both physical and
electro-optic customization to
suit your needs.
5965-7314E (4/97)


Similar Part No. - PDA2446-D-US

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA24 BOURNS-PDA24 Datasheet
307Kb / 2P
   PDA24 - 24 mm Long Life Potentiometer
PDA241-HRT02-103A2 BOURNS-PDA241-HRT02-103A2 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
PDA241-HRT02-105A2 BOURNS-PDA241-HRT02-105A2 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
PDA241-HRT02-253B0 BOURNS-PDA241-HRT02-253B0 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
PDA241-HRT02-254B0 BOURNS-PDA241-HRT02-254B0 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results

Similar Description - PDA2446-D-US

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDT1X4X HP-PDT1X4X Datasheet
181Kb / 5P
   Pigtailed PIN Photodiodes
logo
Finisar Corporation.
PIN-1310-5I-50SMF-FCUPC FINISAR-PIN-1310-5I-50SMF-FCUPC Datasheet
218Kb / 5P
   Analog Receiver, Pigtailed, PIN ROSA
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com