Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32232A0335K000 Datasheet(PDF) 15 Page - TDK Electronics

Part # B32232A0335K000
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32232A0335K000 Datasheet(HTML) 15 Page - TDK Electronics

Back Button B32232A0335K000 Datasheet HTML 9Page - TDK Electronics B32232A0335K000 Datasheet HTML 10Page - TDK Electronics B32232A0335K000 Datasheet HTML 11Page - TDK Electronics B32232A0335K000 Datasheet HTML 12Page - TDK Electronics B32232A0335K000 Datasheet HTML 13Page - TDK Electronics B32232A0335K000 Datasheet HTML 14Page - TDK Electronics B32232A0335K000 Datasheet HTML 15Page - TDK Electronics B32232A0335K000 Datasheet HTML 16Page - TDK Electronics B32232A0335K000 Datasheet HTML 17Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Symbol
English
German
IRMS
(Sinusoidal) alternating current,
root-mean-square value
(Sinusförmiger) Wechselstrom
iz
Capacitance drift
Inkonstanz der Kapazität
k0
Pulse characteristic
Impulskennwert
LS
Series inductance
Serieninduktivität
λ
Failure rate
Ausfallrate
λ
0
Constant failure rate during useful
service life
Konstante Ausfallrate in der
Nutzungsphase
λ
test
Failure rate, determined by tests
Experimentell ermittelte Ausfallrate
Pdiss
Dissipated power
Abgegebene Verlustleistung
Pgen
Generated power
Erzeugte Verlustleistung
Q
Heat energy
Wärmeenergie
ρ
Density of water vapor in air
Dichte von Wasserdampf in Luft
R
Universal molar constant for gases
Allg. Molarkonstante für Gas
R
Ohmic resistance of discharge circuit
Ohmscher Widerstand des
Entladekreises
Ri
Internal resistance
Innenwiderstand
Rins
Insulation resistance
Isolationswiderstand
RP
Parallel resistance
Parallelwiderstand
RS
Series resistance
Serienwiderstand
S
severity (humidity test)
Schärfegrad (Feuchtetest)
t
Time
Zeit
T
Temperature
Temperatur
τ
Time constant
Zeitkonstante
tan
δ
Dissipation factor
Verlustfaktor
tan
δ
D
Dielectric component of dissipation
factor
Dielektrischer Anteil des Verlustfaktors
tan
δ
P
Parallel component of dissipation factor
Parallelanteil des Verlfustfaktors
tan
δ
S
Series component of dissipation factor
Serienanteil des Verlustfaktors
TA
Ambient temperature
Umgebungstemperatur
Tmax
Upper category temperature
Obere Kategorietemperatur
Tmin
Lower category temperature
Untere Kategorietemperatur
tOL
Operating life at operating temperature
and voltage
Betriebszeit bei Betriebstemperatur und
-spannung
Top
Operating temperature
Beriebstemperatur
TR
Rated temperature
Nenntemperatur
Tref
Reference temperature
Referenztemperatur
tSL
Reference service life
Referenz-Lebensdauer
VAC
AC voltage
Wechselspannung
B32232
General purpose (wound)
Page 14 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32232A0335K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32232A0335K000 TDK-B32232A0335K000 Datasheet
353Kb / 17P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32232A0335K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com