Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32232A3335K000 Datasheet(PDF) 7 Page - TDK Electronics

Part # B32232A3335K000
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32232A3335K000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B32232A3335K000 Datasheet HTML 3Page - TDK Electronics B32232A3335K000 Datasheet HTML 4Page - TDK Electronics B32232A3335K000 Datasheet HTML 5Page - TDK Electronics B32232A3335K000 Datasheet HTML 6Page - TDK Electronics B32232A3335K000 Datasheet HTML 7Page - TDK Electronics B32232A3335K000 Datasheet HTML 8Page - TDK Electronics B32232A3335K000 Datasheet HTML 9Page - TDK Electronics B32232A3335K000 Datasheet HTML 10Page - TDK Electronics B32232A3335K000 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Length of capacitor
14 mm
19 mm
27 mm
32 mm
42 mm
VR
VRMS
V DC
V AC
dV/dt in V/
µs
100
63
6
3
2
1.5
250
160
10
5
3
2.5
2
400
200
7
4
3
630
200
10
7
5
k0 values
Length of capacitor
14 mm
19 mm
27 mm
32 mm
42 mm
VR
VRMS
V DC
V AC
k0 in V2/
µs
100
63
1 200
600
400
300
250
160
5 000
2 500
1 500
1 250
1 000
400
200
5 600
3 200
2 400
630
200
12 500
8 800
6 300
B32232
General purpose (wound)
Page 6 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32232A3335K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32232A3335K000 TDK-B32232A3335K000 Datasheet
353Kb / 17P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32232A3335K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com