Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32232 Datasheet(PDF) 13 Page - TDK Electronics

Part # B32232
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32232 Datasheet(HTML) 13 Page - TDK Electronics

Back Button B32232 Datasheet HTML 9Page - TDK Electronics B32232 Datasheet HTML 10Page - TDK Electronics B32232 Datasheet HTML 11Page - TDK Electronics B32232 Datasheet HTML 12Page - TDK Electronics B32232 Datasheet HTML 13Page - TDK Electronics B32232 Datasheet HTML 14Page - TDK Electronics B32232 Datasheet HTML 15Page - TDK Electronics B32232 Datasheet HTML 16Page - TDK Electronics B32232 Datasheet HTML 17Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Topic
Safety information
Reference chapter
"Mounting guidelines"
Soldering
Do not exceed the specified time or temperature
limits during soldering.
1 "Soldering"
Cleaning
Use only suitable solvents for cleaning capacitors. 2 "Cleaning"
Embedding of
capacitors in
finished assemblies
When embedding finished circuit assemblies in
plastic resins, chemical and thermal influences
must be taken into account.
Caution: Consult us first, if you also wish to
embed other uncoated component types!
3 "Embedding of
capacitors in finished
assemblies"
B32232
General purpose (wound)
Page 12 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32232

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32232 EPCOS-B32232 Datasheet
124Kb / 8P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32232A0225K000 TDK-B32232A0225K000 Datasheet
353Kb / 17P
   Metallized Polyester Film Capacitors (MKT)
B32232A0335K000 TDK-B32232A0335K000 Datasheet
353Kb / 17P
   Metallized Polyester Film Capacitors (MKT)
B32232A1685K000 TDK-B32232A1685K000 Datasheet
353Kb / 17P
   Metallized Polyester Film Capacitors (MKT)
B32232A3335K000 TDK-B32232A3335K000 Datasheet
353Kb / 17P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32232

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com