Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA2446-B-AS Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # PDA2446-B-AS
Description  Analog Pigtailed PIN Photodiodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDA2446-B-AS Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  PDA2446-B-AS Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDA2446-B-AS Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDA2446-B-AS Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDA2446-B-AS Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDA2446-B-AS Datasheet HTML 5Page - Agilent(Hewlett-Packard) PDA2446-B-AS Datasheet HTML 6Page - Agilent(Hewlett-Packard) PDA2446-B-AS Datasheet HTML 7Page - Agilent(Hewlett-Packard) PDA2446-B-AS Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
539
Ordering Information
Allowable Part Numbers:
PPA0052 - XX - A
PPA0052 - FC - A
PPA0155 - XX - A
PPA0052 - SC - A
Receptacle Type:
PPA1052 - A - FP
FC = FC
PPA1052 - A - ST
SC = SC
PPA1052 - A - DN
PPA1052 - A - SC
PPA1052 - X - XX
PPA1052 - D - FP
PPA1155 - X - XX
PPA1052 - D - ST
Connector Type:
PPA1052 - D - DN
FP = FC/PC
PPA1052 - D - SC
ST* = ST
DN = DIN
PPA0155 - FC - A
SC = SC
PPA0155 - SC - A
PPA1155 - A - FP
Flange Type:
PPA1155 - A - ST
A = 2 hole Panel mount, 13.4 mm between centers
PPA1155 - A - DN
D = 2 hole PCB mount, 12.7 mm between centers
PPA1155 - A - SC
PPA1155 - D - FP
PPA1155 - D - ST
PPA1155 - D - DN
PPA1155 - D - SC
*ST is a registered trademark of AT&T.
PPA1052-D
PPA1155-D
MIN.
12.0
0.27
400
2.54 NOM.
A
B
C
D
∅E
F
∅G
DIM.
MIN.
3.8
0.9
12.7 NOM.
2.1
H
J
K
L
∅M
∅N
P
DIM.
ALL DIMENSIONS IN MILLIMETERS
MAX.
25.0
18.0
9.5
0.33
1200
MAX.
4.2
7.5
1.1
2.4
6.25
7.5
L
A
∅G
D
C
F
∅E
P
J
K
B
∅M
∅N
H
3
42
1


Similar Part No. - PDA2446-B-AS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA24 BOURNS-PDA24 Datasheet
307Kb / 2P
   PDA24 - 24 mm Long Life Potentiometer
PDA241-HRT02-103A2 BOURNS-PDA241-HRT02-103A2 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
PDA241-HRT02-105A2 BOURNS-PDA241-HRT02-105A2 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
PDA241-HRT02-253B0 BOURNS-PDA241-HRT02-253B0 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
PDA241-HRT02-254B0 BOURNS-PDA241-HRT02-254B0 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results

Similar Description - PDA2446-B-AS

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDT1X4X HP-PDT1X4X Datasheet
181Kb / 5P
   Pigtailed PIN Photodiodes
logo
Finisar Corporation.
PIN-1310-5I-50SMF-FCUPC FINISAR-PIN-1310-5I-50SMF-FCUPC Datasheet
218Kb / 5P
   Analog Receiver, Pigtailed, PIN ROSA
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com