Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1563P Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H1563P
Description  HIGH-EFFICIENCY DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H1563P Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H1563P Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H1563P Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H1563P Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H1563P Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H1563P Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H1563P Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H1563P Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H1563P Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HP200201
HS200207
Issued Date : 2000.10.01
Revised Date : 2002.07.12
Page No. : 3/8
H1563P / H1563S
HSMC Product Specification
Test Circuit
Characteristics Curve
Vfb Theshold Voltage vs Temperature
1.2
1.22
1.24
1.26
1.28
1.3
0
1020
30
40
5060
7080
Temperature (J)
VCC=5V
Ct=1nF
PIN2=GND
Standby Supply Current vs Supply Voltage
0
0.4
0.8
1.2
1.6
2
0
5
10
15
20
25
30
35
40
Vcc Supply Voltage (V)
Common Emitter Configuration Output Switch
Saturation Voltage vs Collector Current
0
0.2
0.4
0.6
0.8
1
00.5
11.5
2
Ic Collector Current (A)
VCC=5V
PIN7=VCC
PIN2,3,5=GND
Forced Beta=20
Emmiter Follower Configuration Output Switch
Saturtion Voltage vs Emmiter Current
1.2
1.3
1.4
1.5
1.6
1.7
1.8
00.511.5
2
Ie Emitter (A)
VCC=5V
PIN1,7,8=VCC
PIN3,5=GND
SC
BST
SE
IS
TC
VCC
GND
FB
R1
1K
CT
1nF
1A
H1563
5
6
7
8
4
3
2
1
Current Source
2V/0V
IDISCHG /ICHG
VCC
20mA
Current Source
4.55V
@VCC=5V
4.75V
VCC
1.275V
1.225V


Similar Part No. - H1563P

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H15 MCC-H15 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Power-One
H15 POWER-ONE-H15 Datasheet
262Kb / 9P
   Cassette Style Mating Connectors
logo
Eaton All Rights Reserv...
H15 EATON-H15 Datasheet
305Kb / 2P
   PCB fuse holders for 5 mm x 20 mm fuses
logo
Micro Commercial Compon...
H15-1 MCC-H15-1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
More results

Similar Description - H1563P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
logo
Toshiba Semiconductor
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
   High-Efficiency DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com