Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA664151 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA664151
Description  LIN System Basis Chip with LIN Transceiver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA664151 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA664151_14 Datasheet HTML 3Page - ATMEL Corporation ATA664151_14 Datasheet HTML 4Page - ATMEL Corporation ATA664151_14 Datasheet HTML 5Page - ATMEL Corporation ATA664151_14 Datasheet HTML 6Page - ATMEL Corporation ATA664151_14 Datasheet HTML 7Page - ATMEL Corporation ATA664151_14 Datasheet HTML 8Page - ATMEL Corporation ATA664151_14 Datasheet HTML 9Page - ATMEL Corporation ATA664151_14 Datasheet HTML 10Page - ATMEL Corporation ATA664151_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
ATA664151 [DATASHEET]
9268H–AUTO–08/14
3.14
VDIV Input/Output Pin
This pin handles two different functions. During the VCC startup and watchdog reset phase (pin NRES driven to LOW), the
pin acts as input and determines the setting of the “WDD” bit within the SPI configuration register (see Figure 3-2). In other
words, if the window watchdog operation shall be disabled directly after power-up (e.g., for microcontroller programming or
debugging purposes), pin VDIV must be tied to HIGH level until the reset phase ends (pin NRES has a positive slope from
LOW to HIGH). In other cases, such as when pin VDIV is not driven actively by the application, the signal is assessed as
LOW and the WDD bit (watchdog disable) is thus also low and the window watchdog is operational (see Figure 3-2).
Figure 3-2. WDD Configuration Bit Setup During VCC Startup
During normal operation this pin provides a low-voltage signal for the ADC such as for a microcontroller. It is sourced either
by the VBATT pin or one of the switch input pins CS1 to CS8. An external ceramic capacitor is recommended for low-pass
filtering of this signal. If selected in the configuration register of the SPI, this pin guarantees a voltage- and temperature-
stable output ratio of the selected test input and is available in all modes except sleep mode. Please note that the current
consumption values in the active low-power mode of Atmel® ATA664151 given in the electrical characteristics lose their
validity if the VDIV output pin is being used in this low-power mode. The voltage on this pin is actively clamped to VCC if the
input value would lead to higher values.
3.15
IREF Output Pin
This pin is the connection for an external resistor towards ground. It provides a regulated voltage which will cause a resistor-
dependent current used as reference for the current sources in the switch interface I/O ports. The resistor should be placed
closely to the pin without any additional capacitor. A fail-safe circuitry detects if the resistor is missing or if there is a short
towards ground or VCC on this pin. An internal fail-safe current is generated in this event. Please see also Section 8. “Switch
Interface Unit” on page 22 for further details.
3.16
CS1 to CS8 High-voltage Input/Output Pins
These pins are intended for contact monitoring and/or constant current sourcing. A total of eight I/Os (pins CS1 through
CS8) are available, of which three (CS1, CS2 and CS3) can be configured either as current sources (such as for switches
towards ground) or as current sinks (such as for switches towards battery). The other five pins (CS4 to CS8) have only
current sourcing capability. Apart from a high voltage (HV) comparator for simple switches, the I/Os are also equipped with a
voltage divider to enable analog voltage measurements on HV pins by using the ADC of the application’s microcontroller
(see Section 3.14 “VDIV Input/Output Pin” on page 7 for further details). Also, each input can trigger an interrupt upon state
change even during Active Low-power Mode. If one or more CSx pins are not needed, can be left open or directly connected
to VS.
Note:
Unused CSx-pins should be connected directly to VS.
3.17
PWM1..3 Input Pins
These pins can be used to control the switch interface current sources directly, such as for pulse width-modulated load
control or for pulsed switch scanning. They accept logic level signals from the microcontroller and are equipped with pull-
down structures so in case of an open connection, the input is well defined. For more information see Section 8. “Switch
Interface Unit” on page 22.
The assignment of the current sources to the three PWM input pins is described in Section 8.1 “Current Sources” on page
22.
NRES
VDIV (driven externally)
WDD config bit state
Logic Level “A”
Logic Level “A”
Z (high imp.)
X
“LOW” from VCC startup


Similar Part No. - ATA664151_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver, 5V Regulator, Watchdog, 8-channel High Voltage Switch Interface with High Voltage Current Sources, 16-bit SPI
More results

Similar Description - ATA664151_14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
logo
Melexis Microelectronic...
MLX80050 MELEXIS-MLX80050_14 Datasheet
875Kb / 46P
   LIN System Basis ICs
MLX80050 MELEXIS-MLX80050 Datasheet
1Mb / 50P
   LIN System Basis ICs
logo
NXP Semiconductors
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com