Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

83052AGILFT Datasheet(PDF) 15 Page - Integrated Device Technology

Part No. 83052AGILFT
Description  2 1 single-ended multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

83052AGILFT Datasheet(HTML) 15 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ICS83052I REVISION B DECEMBER 8, 2011
15
©2011 Integrated Device Technology, Inc.
ICS83052I Data Sheet
2:1, SINGLE ENDED MULTIPLEXER
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology, Incorporated (IDT) assumes no responsibility for either its use or for
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and
industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT
reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
TABLE 8. ORDERING INFORMATION
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
I
G
A
2
5
0
3
8I
A
2
5
0P
O
S
S
T
d
a
e
l
8e
b
u
tC
°
5
8
o
t
C
°
0
4
-
T
I
G
A
2
5
0
3
8I
A
2
5
0P
O
S
S
T
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
F
L
I
G
A
2
5
0
3
8L
I
A
2
5P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8e
b
u
tC
°
5
8
o
t
C
°
0
4
-
T
F
L
I
G
A
2
5
0
3
8L
I
A
2
5P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
.t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
it
a
r
u
g
if
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
if
f
u
s
"
F
L
"
n
a
h
ti
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn