Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

83052AGILFT Datasheet(PDF) 8 Page - Integrated Device Technology

Part No. 83052AGILFT
Description  2 1 single-ended multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

83052AGILFT Datasheet(HTML) 8 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ICS83052I REVISION B DECEMBER 8, 2011
8
©2011 Integrated Device Technology, Inc.
ICS83052I Data Sheet
2:1, SINGLE ENDED MULTIPLEXER
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
GND
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.4±5%
V
DDO
-0.9V±5%
V
DD
0.9V±5%
SCOPE
Qx
LVCMOS
GND
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.05V±5%
V
DDO
-1.25V±5%
V
DD
1.25V±5%
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
GND
1.65V±5%
-1.65V±5%
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
2.5 CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
PART-TO-PART SKEW
SCOPE
Qx
LVCMOS
GND
1.25V±5%
-1.25V±5%
SCOPE
Qx
LVCMOS
GND
1.6V±5%
V
DDO
-0.9V±5%
V
DD
0.9V±5%
V
DD,
V
DDO
V
DD,
V
DDO
tsk(pp)
V
DDO
2
V
DDO
2
Qy
Qx
Part 1
Part 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn