Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMT5370B-622-SC Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # XMT5370B-622-SC
Description  622 Mb/s Logic Interface Laser Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5370B-622-SC Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  XMT5370B-622-SC Datasheet HTML 1Page - Agilent(Hewlett-Packard) XMT5370B-622-SC Datasheet HTML 2Page - Agilent(Hewlett-Packard) XMT5370B-622-SC Datasheet HTML 3Page - Agilent(Hewlett-Packard) XMT5370B-622-SC Datasheet HTML 4Page - Agilent(Hewlett-Packard) XMT5370B-622-SC Datasheet HTML 5Page - Agilent(Hewlett-Packard) XMT5370B-622-SC Datasheet HTML 6Page - Agilent(Hewlett-Packard) XMT5370B-622-SC Datasheet HTML 7Page - Agilent(Hewlett-Packard) XMT5370B-622-SC Datasheet HTML 8Page - Agilent(Hewlett-Packard) XMT5370B-622-SC Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
445
Performance Specifications
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Parameter
Minimum
Nominal
Maximum
Units
Notes
Supply Voltage
-
-
7
V
-
Operating Case Temperature
A Model
–40
-
+85
°C-
B Model
0
-
+70
°C-
Storage Temperature
–40
-
+85
°C-
Fiber Tensile Strength
10
-
-
N/10s
1
Fiber Bend Radius
32
-
-
mm
-
Lead Soldering (Temperature/Time)
-
-
+260/10
°C/Sec
-
Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Center Wavelength
1274
-
1356
nm
2
Spectral Width (RMS)
-
-
2.5
nm
2
Average Output Power
–15
–11
–8
dBm
3
Extinction Ratio
8.2
-
-
dB
-
Bias Monitor
-
0.1
-
mA/mV
4
Rear Facet Monitor Output
5
-
50
mV
5
Supply Voltage
4.75
5.0
5.5
V
6
Supply Current
-
-
130
mA
7
Tx Disable
VCC –3.2
-
VCC
V-
Output Waveform
SONET/SDH Eyemask Compliant G.957
Notes:
1. In a coaxial direction with fiber feedthrough.
2. Over operating temperature range. A narrower operating temperature range will result in a smaller center wavelength spread.
Contact Hewlett-Packard for details.
3. Other output power options are available. Contact Hewlett-Packard for details.
4. Common mode signal VEE + 3.5 V nominal.
5. Common mode signal VEE + 4.0 V nominal.
6. With VEE connected to -5 V, VCC must be at 0 V. With VCC at +5 V, VEE must be at 0 V.
7. End of life at Tmax.


Similar Part No. - XMT5370B-622-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370B-155-FP HP-XMT5370B-155-FP Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370B-155-SC HP-XMT5370B-155-SC Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370B-155-ST HP-XMT5370B-155-ST Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
More results

Similar Description - XMT5370B-622-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com