Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-4719C0B01 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-4719C0B01
Description  T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4719C0B01 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-4719C0B01 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4719C0B01 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4719C0B01 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4719C0B01 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4719C0B01 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4719C0B01 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-4719C0B01 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-4719C0B01 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-4719C0B01 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Electrical/Optical Characteristics at TA = 25°C
Test
Symbol
Description
T-13/4
T-1
Min.
Typ.
Max.
Units
Conditions
VF
Forward Voltage
4700
1700
1.7
2.0
V
2 mA
4719
1719
1.8
2.5
4740
1790
1.9
2.2
VR
Reverse Breakdown
4700
1700
5.0
V
IR = 50 µA
Voltage
4719
1719
5.0
4740
1790
5.0
λ
d
Dominant
4700
1700
626
nm
Note 1
Wavelength
4719
1719
585
4740
1790
569
∆λ
1/2
Spectral Line
4700
1700
40
nm
Halfwidth
4719
1719
36
4740
1790
28
τ
S
Speed of Response
4700
1700
90
ns
4719
1719
90
4740
1790
500
C
Capacitance
4700
1700
11
pF
VF = 0,
4719
1719
15
f = 1 MHz
4740
1790
18
R
θ
J-PIN
Thermal
4700
1700
260[3]
°C/W
Junction to
Resistance
4719
1719
290[4]
Cathode Lead
4740
1790
λ
PEAK
Peak Wavelength
4700
1700
635
nm
Measurement
4719
1719
583
at peak
4740
1790
565
η
V
Luminous Efficacy
4700
1700
145
lumens
Note 2
4719
1719
500
watt
4740
1790
595
Notes:
1. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
2. The radiant intensity, I
e, in watts per steradian, may be found from the equation Ie = IVV, where IV is the luminous intensity in
candelas and
η
V is luminous efficacy in lumens/watt.
3. T-13/4.
4. T-1.


Similar Part No. - HLMP-4719C0B01

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-4719 QT-HLMP-4719 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-4719 FAIRCHILD-HLMP-4719 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4719 AVAGO-HLMP-4719 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-4719 AVAGO-HLMP-4719 Datasheet
294Kb / 10P
   Telecommunications indicators
HLMP-4719 AVAGO-HLMP-4719 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

Similar Description - HLMP-4719C0B01

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com