Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMT5170A-622-AS Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # XMT5170A-622-AS
Description  622 Mb/s Logic Interface DFB Laser Transmitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5170A-622-AS Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  XMT5170A-622-AS Datasheet HTML 1Page - Agilent(Hewlett-Packard) XMT5170A-622-AS Datasheet HTML 2Page - Agilent(Hewlett-Packard) XMT5170A-622-AS Datasheet HTML 3Page - Agilent(Hewlett-Packard) XMT5170A-622-AS Datasheet HTML 4Page - Agilent(Hewlett-Packard) XMT5170A-622-AS Datasheet HTML 5Page - Agilent(Hewlett-Packard) XMT5170A-622-AS Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
430
622 Mb/s Logic Interface DFB
Laser Transmitter
Preliminary Technical Data
XMT5170-622
Preliminary Product Disclaimer
This preliminary data sheet is provided to assist you in the evaluation of engineering samples of the product which is under development
and targeted for release during 1997. Until Hewlett-Packard releases this product for general sales, HP reserves the right to alter prices,
specifications, features, capabilities, function, manufacturing release dates, and even general availability of the product at any time.
Features
• SONET/SDH Compliant to
STM4 L-4.1
OC12 LR-1
• –40
°C to +85°C Operation
• Compact 20 Pin Package
• ECL/PECL Logic Interface
• Multisourced Pinout
Applications
• SONET/SDH Systems
• Fiber to the Home
• Data Communications
Networks
Description
The XMT5170-622 is a high
performance uncooled optical
DFB laser transmitter for CCITT
SDH and ANSI SONET
applications. It is designed with
an ECL/PECL logic interface for
622 MBd transmission.
The transmitter incorporates
several features which simplify
system design. The
XMT5170-622 may be operated
with either +5 V or –5 V power
supplies. Its standard 10 KH ECL
data interface enables direct
interface with PECL or ECL logic.
The compact transmitter module
contains a pigtailed laser, data
interface, bias and modulation
control circuitry. Thus, no
external components or adjust-
ments are necessary. Finally, a
laser disable input is provided to
shut down the laser for standby
or test purposes.
The XMT5170-622 includes
analog outputs which are
proportional to laser current and
optical power. These may be used
with external circuitry to detect
end-of-life, or over temperature
conditions.
The transmitter is packaged in a
20 pin 0.4" pitch DIP. Contact
your local representative for
more details.
(5/97)


Similar Part No. - XMT5170A-622-AS

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5170A-155-FP HP-XMT5170A-155-FP Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170A-155-SC HP-XMT5170A-155-SC Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170A-155-ST HP-XMT5170A-155-ST Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
More results

Similar Description - XMT5170A-622-AS

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370-622 HP-XMT5370-622 Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
California Eastern Labs
NX6301 CEL-NX6301 Datasheet
96Kb / 4P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6306 CEL-NX6306 Datasheet
388Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com