Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3100SBLRP Datasheet(PDF) 4 Page - Littelfuse

Part # P3100SBLRP
Description  SIDACtor Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3100SBLRP Datasheet(HTML) 4 Page - Littelfuse

  P3100SBLRP Datasheet HTML 1Page - Littelfuse P3100SBLRP Datasheet HTML 2Page - Littelfuse P3100SBLRP Datasheet HTML 3Page - Littelfuse P3100SBLRP Datasheet HTML 4Page - Littelfuse P3100SBLRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SIDACtor® Protection Thyristors
4
Revised: 08/07/14
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Baseband Protection (Voice-DS1)
SIDACtor® Series, DO-214
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL toTP
Figure 1
Soldering Parameters
Part Numbering
CONSTRUCTION
VARIABLE
REEL PACK
I
PP RATING
RoHS COMPLIANT
TYPE
P = SIDACtor
P
x LRP
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 0S
High Temp Voltage
Blocking
80% Rated V
DRM (VAC Peak ) +125°C or +150°C,
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
-65°C to +150°C, 15 min. dwell, 10 up to 100
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC (+85°C) 85%RH, 504 up to 1008 hrs. EIA/
JEDEC, JESD22-A-101
High Temp Storage
+150°C 1008 hrs. MIL-STD-750 (Method 1031)
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
0°C to +100°C, 5 min. dwell, 10 sec. transfer,
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
+121°C, 100%RH, 2atm, 24 up to 168 hrs. EIA/
JEDEC, JESD22-A-102
Resistance to Solder
Heat
+260°C, 30 secs. MIL-STD-750 (Method 2031)
Moisture Sensitivity
Level
85%RH, +85°C, 168 hrs., 3 reflow cycles
(+260°C Peak). JEDEC-J-STD-020, Level 1
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
+150°C
-Temperature Max (T
s(max))
+200°C
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
+217°C
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
+260(+0/-5)°C
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed
+260°C
Part Marking
Pxxx
Date Code
Part Marking Code
(Refer to Electrical Characteristics Table)
xxxxx


Similar Part No. - P3100SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
logo
HuaXinAn Electronics CO...
P3100SBLRP HUAXINAN-P3100SBLRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P3100SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com