Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7111L-2A-E3 Datasheet(PDF) 6 Page - NEC

Part # PS7111L-2A-E3
Description  8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7111L-2A-E3 Datasheet(HTML) 6 Page - NEC

Back Button PS7111L-2A-E3 Datasheet HTML 2Page - NEC PS7111L-2A-E3 Datasheet HTML 3Page - NEC PS7111L-2A-E3 Datasheet HTML 4Page - NEC PS7111L-2A-E3 Datasheet HTML 5Page - NEC PS7111L-2A-E3 Datasheet HTML 6Page - NEC PS7111L-2A-E3 Datasheet HTML 7Page - NEC PS7111L-2A-E3 Datasheet HTML 8Page - NEC PS7111L-2A-E3 Datasheet HTML 9Page - NEC PS7111L-2A-E3 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet P11551EJ6V0DS00
6
PS7111-2A,PS7111L-2A
0.15
0.10
0.05
5
20
25
30
10
0
15
Turn-on Time ton (ms)
TURN-ON TIME DISTRIBUTION
n = 50 pcs,
IF = 10 mA,
VO = 5 V
40
30
20
10
4.0
6.0
8.0
2.0
0
Forward Current IF (mA)
TURN-ON TIME vs. FORWARD CURRENT
Forward Current IF (mA)
TURN-OFF TIME vs. FORWARD CURRENT
0.06
0.02
5
20
25
30
10
0
15
Turn-off Time toff (ms)
TURN-OFF TIME DISTRIBUTION
n = 50 pcs,
IF = 10 mA,
VO = 5 V
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
IL = 10 mA
100
75
50
25
0
–25
0.5
2.0
2.5
3.0
1.0
0
1.5
Ambient Temperature TA (˚C)
NORMALIZED ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
n = 50 pcs,
IF = 10 mA,
IL = 10 mA
3.0
2.9
2.8
5
15
25
30
10
0
20
On-state Resistance Ron (
Ω)
ON-STATE RESISTANCE DISTRIBUTION
VO = 5 V
40
20
10
30
0.1
0.3
0.4
0.5
0.2
0
VO = 5 V


Similar Part No. - PS7111L-2A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7111L-2A-E3 CEL-PS7111L-2A-E3 Datasheet
51Kb / 6P
   8 PIN DIP SOLID STATE RELAY
More results

Similar Description - PS7111L-2A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141-2A CEL-PS7141-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7211-2A NEC-PS7211-2A Datasheet
69Kb / 12P
   8-PIN SOP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1C NEC-PS7122A-1C Datasheet
74Kb / 12P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7122A-1C RENESAS-PS7122A-1C Datasheet
263Kb / 16P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com