Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FR107-B Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. FR107-B
Description  1.0A FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FR107-B Datasheet(HTML) 2 Page - Diodes Incorporated

  FR107-B Datasheet HTML 1Page - Diodes Incorporated FR107-B Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS26001 Rev. Rev. 5 - 3
2 of 2
FR106 / FR107
www.diodes.com
0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100 120 140
160
180
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1, Forward Current Derating Curve
Single Phase Half Wave
60Hz Resistive or Inductive Load
9.5mm Lead Lengths
0
5
10
15
20
25
30
1
10
100
35
NUMBER OF CYCLES AT 60Hz
Fig. 4, Max Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
1
10
20
110
100
V , REVERSE VOLTAGE (V)
R
Fig.3, Typical Junction Capacitance
T = 25°C
J
0.01
0.1
1.0
4.0
0.6
0.8
1.0
1.2
1.4
1.6
V , INSTANTANEOUS FWD VOLTAGE (V)
F
Fig.2, Typical Forward Characteristics


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn