Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FR107-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. FR107-B
Description  1.0A FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FR107-B Datasheet(HTML) 1 Page - Diodes Incorporated

  FR107-B Datasheet HTML 1Page - Diodes Incorporated FR107-B Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS26001 Rev. 5 - 3
1 of 2
FR106 / FR107
www.diodes.com
ã Diodes Incorporated
·
Plastic Package: UL Flammability
Classification Rating 94V-0
·
Capable of Meeting the Environmental Tests in
MIL-STD-750C
·
High Reliability and Low Leakage
·
Fast Switching for High Efficiency
Mechanical Data
Features
·
Case: DO-41, Molded Plastic
·
Terminals: Axial Lead, Solderable per
MIL-STD-202, Method 208
·
Mounting Position: Any
·
Polarity: Cathode Band
·
Weight: 0.35 grams (approx.)
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
Maximum Ratings and Electrical Characteristics
Notes:
1. Thermal Resistance from Junction to Ambient PC Board Mounting, 9.5mm Lead Length.
2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
3. Measured with IF= 0.5A, IR=1.0A, IRR=.25A
A
A
B
C
D
FR106 / FR107
1.0A FAST RECOVERY RECTIFIER
Characteristic
Symbol
FR106
FR107
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
800
1000
V
Maximum RMS Voltage
VRSM
560
700
V
Maximum DC Blocking Voltage
VDC
800
1000
V
Maximum Average Forward Rectified Current
9.5mm Lead Lengths
@ TA = 75
°C
I(AV)
1.0
A
Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Maximum Forward Voltage at 1.0A
VF
1.3
V
Maximum DC Reverse Current
@ TA =25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IR
5.0
100
mA
Typical Thermal Resistance
(Note 1)
RqJA
50
°C/W
Typical Junction Capacitance
(Note 2)
CJ
15
pF
Maximum Reverse Recovery Time
(Note 3)
Trr
250
500
ns
Storage and Operating Temperature
TJ,TSTG
-65 to +175
°C
DO-41
Dim
Min
Max
A
25.4
¾
B
4.1
5.2
C
0.71
0.86
D
2.0
2.7
All Dimensions in mm
NOT RECOMMENDED FOR NEW DESIGNS,
PLEASE USE PR1006G - PR1007G


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn