Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA-1120 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # MSA-1120
Description  Cascadable Silicon Bipolar MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-1120 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  MSA-1120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-1120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-1120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-1120 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6-467
MSA-1120 Absolute Maximum Ratings
Parameter
Absolute Maximum[1]
Device Current
100 mA
Power Dissipation[2,3]
650 mW
RF Input Power
+13dBm
Junction Temperature
200
°C
Storage Temperature
–65 to 200
°C
Thermal Resistance[2,4]:
θ
jc = 60°C/W
Notes:
1. Permanent damage may occur if any of these limits are exceeded.
2. TCASE= 25°C.
3. Derate at 16.7 mW/
°C for T
C > 161°C.
4. The small spot size of this technique results in a higher, though more
accurate determination of
θ
jc than do alternate methods. See MEASURE-
MENTS section “Thermal Resistance” for more information.
GP
Power Gain (|S21| 2)
f = 0.1 GHz
dB
11.5
12.5
13.5
∆GP
Gain Flatness
f = 0.1 to 1.0 GHz
dB
± 0.7
± 1.0
f3 dB
3 dB Bandwidth[2]
GHz
1.6
Input VSWR
f = 0.1 to 1.5 GHz
1.7:1
Output VSWR
f = 0.1 to 1.5 GHz
1.9:1
NF
50
Ω Noise Figure
f = 0.5 GHz
dB
3.5
4.5
P1 dB
Output Power at 1 dB Gain Compression
f = 0.5 GHz
dBm
16.0
17.5
IP3
Third Order Intercept Point
f = 0.5 GHz
dBm
30.0
tD
Group Delay
f = 0.5 GHz
psec
200
Vd
Device Voltage
V
4.5
5.5
6.5
dV/dT
Device Voltage Temperature Coefficient
mV/
°C
–8.0
Notes:
1. The recommended operating current range for this device is 40 to 75 mA. Typical performance as a function of current
is on the following page.
2. Referenced from 50 MHz gain (GP).
Electrical Specifications[1], T
A = 25°C
Symbol
Parameters and Test Conditions: I
d = 60 mA, ZO = 50 Ω
Units
Min.
Typ.
Max.
VSWR


Similar Part No. - MSA-1120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-1120 AVAGO-MSA-1120 Datasheet
155Kb / 4P
   Hermetic Metal/Beryllia Microstrip Package
More results

Similar Description - MSA-1120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com