Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6630 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATA6630
Description  LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6630 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATA6630_14 Datasheet HTML 11Page - ATMEL Corporation ATA6630_14 Datasheet HTML 12Page - ATMEL Corporation ATA6630_14 Datasheet HTML 13Page - ATMEL Corporation ATA6630_14 Datasheet HTML 14Page - ATMEL Corporation ATA6630_14 Datasheet HTML 15Page - ATMEL Corporation ATA6630_14 Datasheet HTML 16Page - ATMEL Corporation ATA6630_14 Datasheet HTML 17Page - ATMEL Corporation ATA6630_14 Datasheet HTML 18Page - ATMEL Corporation ATA6630_14 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15
ATA6628/ATA6630 [DATASHEET]
9117I–AUTO–10/14
4.6
Unpowered Mode
If you connect battery voltage to the application circuit, the voltage at the VS pin increases according to the block capacitor
(see Figure 5-1 on page 18). After VS is higher than the VS undervoltage threshold VSth, the IC mode changes from
Unpowered Mode to Fail-safe Mode. The VCC output voltage reaches its nominal value after tVCC. This time, tVCC, depends
on the VCC capacitor and the load.
The NRES is low for the reset time delay treset. During this time, treset, no mode change is possible.
IF VS drops below VSth, then the IC switches to Unpowered Mode. The behavior of VCC, NRES and LIN is shown in Figure
4-8. The watchdog needs to be triggered.
Figure 4-8. VCC versus VS for the VCC = 3.3V Regulator
4.7
High-speed Mode
If SP_MODE pin is high and the IC is in Normal Mode, the slew rate control is switched off. The slope time of the LIN falling
edge is tS_Fall < 2µs. The slope time of the LIN rising edge strongly depends on the LIN capacitive and resistive load. To
achieve a high baud rate it is recommended to use a small resistor (500
Ω) and a low capacitor. This allows very fast data
transmission up to 200kBaud, e.g., for electronic control (ECU) tests and microcontroller program or data download. In this
mode superior EMC performance is not guaranteed.
VCC
LIN
NRES
VS
Regulator drop voltage V
D
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VS (V)
4.5
4
3.5
6
5.5
5
3
2.5
2
1.5
1
0.5
0


Similar Part No. - ATA6630_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6630 ATMEL-ATA6630 Datasheet
1Mb / 36P
   Negative Trigger Input for Watchdog
More results

Similar Description - ATA6630_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6622 ATMEL-ATA6622_09 Datasheet
910Kb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
494Kb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com