Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6628 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6628
Description  LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6628 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6628_14 Datasheet HTML 4Page - ATMEL Corporation ATA6628_14 Datasheet HTML 5Page - ATMEL Corporation ATA6628_14 Datasheet HTML 6Page - ATMEL Corporation ATA6628_14 Datasheet HTML 7Page - ATMEL Corporation ATA6628_14 Datasheet HTML 8Page - ATMEL Corporation ATA6628_14 Datasheet HTML 9Page - ATMEL Corporation ATA6628_14 Datasheet HTML 10Page - ATMEL Corporation ATA6628_14 Datasheet HTML 11Page - ATMEL Corporation ATA6628_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ATA6628/ATA6630 [DATASHEET]
9117I–AUTO–10/14
8
4.2
Silent Mode
A falling edge at EN when TXD is high switches the IC into Silent Mode. The TXD Signal has to be logic high during the
Mode Select window (see Figure 4-2 on page 8). The transmission path is disabled in Silent Mode. The INH output is
switched off and the voltage divider can be activated by the DIV_ON pin. The overall supply current from VBatt is a
combination of the IVSsilent = 35µA plus the VCC regulator output current IVCC.
The internal slave termination between the LIN pin and the VS pin is disabled in Silent Mode to minimize the current
consumption in the event that the LIN pin is short-circuited to GND. Only a weak pull-up current (typically 10µA) between the
LIN pin and the VS pin is present. Silent Mode can be activated independently from the actual level on the LIN, WAKE, or
KL_15 pins. If an undervoltage condition occurs, NRES is switched to low, and the IC changes its state to Fail-safe Mode.
A voltage less than the LIN Pre_Wake detection VLINL at the LIN pin activates the internal LIN receiver and starts the wake-
up detection timer.
Figure 4-2. Switch to Silent Mode
Delay time silent mode
td_silent = maximum 20μs
Mode select window
LIN switches directly to recessive mode
td = 3.2μs
LIN
VCC
NRES
TXD
EN
Normal Mode
Silent Mode


Similar Part No. - ATA6628_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6628 ATMEL-ATA6628 Datasheet
1Mb / 36P
   Negative Trigger Input for Watchdog
More results

Similar Description - ATA6628_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6622 ATMEL-ATA6622_09 Datasheet
910Kb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6630 ATMEL-ATA6630_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
494Kb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com