Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6286C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA6286C
Description  Embedded AVR Microcontroller with LF Receiver and UHF Transmitter
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6286C Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA6286C_14 Datasheet HTML 1Page - ATMEL Corporation ATA6286C_14 Datasheet HTML 2Page - ATMEL Corporation ATA6286C_14 Datasheet HTML 3Page - ATMEL Corporation ATA6286C_14 Datasheet HTML 4Page - ATMEL Corporation ATA6286C_14 Datasheet HTML 5Page - ATMEL Corporation ATA6286C_14 Datasheet HTML 6Page - ATMEL Corporation ATA6286C_14 Datasheet HTML 7Page - ATMEL Corporation ATA6286C_14 Datasheet HTML 8Page - ATMEL Corporation ATA6286C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 183 page
background image
9308C-RFID-09/14
Features
8-bit Atmel® AVR® RISC low-power microcontroller
Embedded ultra-low-power flash 8-bit AVR (Atmel ATA6289) with on-chip sensitive
LF receiver, temperature sensor and integrated UHF transmitter IC
8KB of in-system self-programmable Flash memory and 320 Bytes of EEPROM
8-bit AVR RISC low-power microcontroller requires typically < 0.5µA sleep current
with active interval timer
8mA active current requested at 6dBm output power in transmission mode within
432MHz to 448MHz (Atmel ATA5757) frequency range
ASK and FSK modulation with up to 20Kbaud data rate in Manchester mode
Programmable 125kHz wake-up receiver channel with typically 2.3µA current
consumption in listening mode
Typically 25mbar ADC resolution (measured with a typical pressure sensor)
Low-power measurement mode for directly connected capacitive sensors with
typically 350µA in 30ms
Three interfaces for simple capacitive sensors (3pF to 16pF)
One interface can be configured for motion wake-up (1pF to 4pF)
Operation voltage 2V to 3.6V for single Li-Cell power supply
Operating temperature –40°C to +85°C and storage temperature –40°C to +85°C
Less than 10 external passive components
QFN 32 (5 x 5) package
Applications
Active RFID
Access control
ATA6286C
Embedded AVR Microcontroller with LF Receiver and
UHF Transmitter
DATASHEET


Similar Part No. - ATA6286C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6286 ATMEL-ATA6286 Datasheet
255Kb / 18P
   TPMS Control and Transmitter IC
ATA6286-PNPW ATMEL-ATA6286-PNPW Datasheet
255Kb / 18P
   TPMS Control and Transmitter IC
ATA6286-PNQW ATMEL-ATA6286-PNQW Datasheet
255Kb / 18P
   TPMS Control and Transmitter IC
ATA6286N ATMEL-ATA6286N Datasheet
407Kb / 19P
   TPMS Control and Transmitter IC
More results

Similar Description - ATA6286C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5790N ATMEL-ATA5790N_14 Datasheet
376Kb / 8P
   Embedded AVR Microcontroller Including Complete LF
ATA5795C ATMEL-ATA5795C_14 Datasheet
388Kb / 8P
   Embedded AVR Microcontroller Including RF Transmitter
ATA5791 ATMEL-ATA5791_14 Datasheet
360Kb / 8P
   Embedded AVR Microcontroller Including RF Transmitter
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-3 ATMEL-ATAR862-3 Datasheet
1Mb / 105P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_07 Datasheet
2Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com