Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5746C Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATA5746C
Description  UHF ASK/FSK Receiver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5746C Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATA5746C_14 Datasheet HTML 22Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 23Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 24Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 25Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 26Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 27Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 28Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 29Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
ATA5745C/ATA5746C [DATASHEET]
9249C–RKE–10/14
26
10.
5V Application
Figure 10-1. 5V Application with Reduced/Full Sensitivity
Note:
Paddle (backplane) must be connected to GND.
TEST2
TEST1
ENABLE
CLK_OUT
CLK_OUT_CTRL0
CLK_OUT_CTRL1
output
output
output
output
output
input
output
VCC
VSS
TEST3
LNA_IN
LNA_GND
SENSE
SENSE_CTRL
RSSI
RFIN
RSense
18pF
ATA5745C/
ATA5746C
18pF
68nF
15 nF
2.2pF
2.2µF
68nH/36nH
315MHz/433.92MHz
68nF
VCC = 4.5V to 5.5V


Similar Part No. - ATA5746C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5746 ATMEL-ATA5746 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA5746-PXPW ATMEL-ATA5746-PXPW Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA5746-PXQW ATMEL-ATA5746-PXQW Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5746C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com