Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5728C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA5728C
Description  UHF ASK/FSK Receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5728C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA5728C_14 Datasheet HTML 17Page - ATMEL Corporation ATA5728C_14 Datasheet HTML 18Page - ATMEL Corporation ATA5728C_14 Datasheet HTML 19Page - ATMEL Corporation ATA5728C_14 Datasheet HTML 20Page - ATMEL Corporation ATA5728C_14 Datasheet HTML 21Page - ATMEL Corporation ATA5728C_14 Datasheet HTML 22Page - ATMEL Corporation ATA5728C_14 Datasheet HTML 23Page - ATMEL Corporation ATA5728C_14 Datasheet HTML 24Page - ATMEL Corporation ATA5728C_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
ATA5723C/ATA5724C/ATA5728C [DATASHEET]
9248D–RKE–10/14
10.2
Controlled Noise Suppression by the Microcontroller
Digital noise appears at the end of a valid data stream if the bit Noise_Disable (see Table 11-9 on page 24) in the OPMODE
register is set to 0. To suppress the noise, the pin POLLING/_ON must be set to low. The receiver remains in receiving
mode. The OFF command then causes a change to start-up mode. The programmed sleep time (see Table 11-7 on page 24)
is not executed because the level at pin POLLING/_ON is low; however, the bit check is active in this case. The OFF
command also activates the bit check if the pin POLLING/_ON is held to low. The receiver changes back to receiving mode
if the bit check was successful. To activate the polling mode at the end of the data transmission, the pin POLLING/_ON must
be set to high. This way of suppressing the noise is recommended if the data stream is not Manchester or bi-phase coded.
Figure 10-4. Controlled Noise Suppression
POLLING/_ON
(DATA_CLK)
Serial bi-directional
Data Line
Data
Preburst
Receiving Mode
Receiving Mode
Start-up
Mode
Sleep
Mode
Bit-check
Mode
Bit-check
Mode
Bit Check ok
Data
Digital Noise
Digital Noise
Preburst
OFF-command
Bit Check ok


Similar Part No. - ATA5728C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5728 ATMEL-ATA5728 Datasheet
807Kb / 46P
   UHF ASK/FSK Receiver
ATA5728P6-TKQY ATMEL-ATA5728P6-TKQY Datasheet
807Kb / 46P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5728C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com