Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T111025 Datasheet(PDF) 1 Page - E-SWITCH

Part # T111025
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T111025 Datasheet(HTML) 1 Page - E-SWITCH

  T111025 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP1T6B11M7RE
2:1
7/16/2004
T111025
B
AR
1
1
A
14171
RELEASED FOR PRODUCTION
7/16/04
AR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 (VA) Max. @20V Max.
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
OPEN
2-1
2
13
CIRCUI: SPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
9.21
[.363 in]
12.70
[.500 in]
6.86
[.270 in]
12.70
[.500 in]
3.81
[.150 in]
.51
[.020 in]
5.08
[.200 in]
12.70
[.500 in]
3.81
[.150 in]
n1.85
[.073 in]
TYP.
RECOMENDED PC MOUNTING
3.17
[.125 in]
2.58
[.101 in]
1.44
[.057 in]
7.55
[.297 in]
2.54
[.100 in]
12.30
[.484 in]
1.02
[.040 in]
.72
[.028 in]
KEYWAY
1/4-40 UNS2A
THREADS
B
15503
ADD ROHS NOTE
11/7/05
PH


Similar Part No. - T111025

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T111020 E-SWITCH-T111020 Datasheet
32Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111021 E-SWITCH-T111021 Datasheet
46Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111022 E-SWITCH-T111022 Datasheet
206Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111023 E-SWITCH-T111023 Datasheet
63Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111024 E-SWITCH-T111024 Datasheet
30Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T111025

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com