Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSA-0520 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. MSA-0520
Description  Cascadable Silicon Bipolar MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

MSA-0520 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-360
MSA-0520 Typical Scattering Parameters (TA = 25°C, Id = 165 mA)
Freq.
MHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
k
5
.57
–38
14.4
5.25
165
–19.4
.107
38
.67
–35
0.57
25
.25
–90
10.7
3.42
160
–14.9
.180
17
.29
–81
0.93
50
.15
–111
9.5
2.97
163
–14.4
.190
9
.18
–97
1.10
100
.11
–138
8.9
2.80
166
–14.2
.195
3
.11
–113
1.16
200
.10
–152
8.8
2.75
163
–14.1
.197
1
.10
–125
1.17
400
.10
–152
8.7
2.72
152
–14.1
.198
–2
.14
–123
1.16
600
.11
–147
8.6
2.70
140
–14.0
.199
–4
.18
–123
1.14
800
.13
–142
8.5
2.67
128
–14.1
.199
–6
.22
–127
1.12
1000
.15
–140
8.4
2.64
115
–14.1
.198
–8
.27
–131
1.09
1500
.22
–142
8.0
2.52
85
–13.7
.206
–12
.34
–143
0.98
2000
.30
–156
7.4
2.36
55
–13.3
.216
–16
.43
–158
0.85
2500
.37
–170
6.7
2.16
33
–12.9
.227
–18
.48
–166
0.75
3000
.41
170
5.6
1.91
8
–12.7
.232
–23
.51
–177
0.70
3500
.45
149
4.5
1.68
–16
–12.1
.249
–31
.55
173
0.63
4000
.46
124
3.3
1.45
–40
–11.7
.259
–39
.56
162
0.66
A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22
Typical Performance, TA = 25°C
(unless otherwise noted)
0
2
4
6
8
10
14
16
18
20
22
24
26
28
30
POWER OUT (dBm)
Figure 1. Typical Gain vs. Power Out,
TA = 25°C, Id = 165 mA.
0.1 GHz
0.5 GHz
1.0 GHz
2.0 GHz
Figure 2. Device Current vs. Voltage.
50
100
150
200
Vd (V)
0
0
3
6
9
12
15
TC = +100°C
TC = +25°C
TC = –50°C
20
28
24
32
16
36
Id (mA)
Figure 3. Output Power at 1 dB Gain
Compression, Third Order Intercept
vs. Current, f = 1.0 GHz.
80
120
160
200
FREQUENCY, (GHz)
Figure 6. VSWR vs. Frequency,
Id = 165 mA.
1
2
3
4
4.0
0.1
0.2 0.3
0.5
2.0
1.0
Output
Input
FREQUENCY (GHz)
Figure 5. Gain vs. Frequency.
0
2
4
6
8
10
4.0
0.1
0.2 0.3
0.5
2.0
1.0
Id = 200 mA
0.5 GHz
1.5 GHz
P1 dB
IP3
+25
-50
+100
16
18
20
22
24
26
28
Figure 4. Output Power @ 1 dB Gain
Compression vs. Temperature,
Id = 165 mA.
CASE TEMPERATURE (
°C)
Id = 165 mA
1.0 GHz
2.0 GHz
Id = 80 mA


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSA-0505Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0986Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MP4TD0670Silicon Bipolar MMIC Cascadable Amplifier 1 2 3 M-pulse Microwave Inc.
MP4TD4135Silicon Bipolar MMIC Cascadable Amplifier 1 2 3 M-pulse Microwave Inc.
MSA-0270Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-0600Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MSA-1000Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
MP4TD0700Silicon Bipolar MMIC Cascadable Amplifier 1 2 3 M-pulse Microwave Inc.
INA-01100Low Noise Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 Agilent(Hewlett-Packard)
MSA-0285Cascadable Silicon Bipolar MMIC Amplifier 1 2 3 4 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn