Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2805-1-F3 Datasheet(PDF) 5 Page - NEC

Part # PS2805-1-F3
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2805-1-F3 Datasheet(HTML) 5 Page - NEC

  PS2805-1-F3 Datasheet HTML 1Page - NEC PS2805-1-F3 Datasheet HTML 2Page - NEC PS2805-1-F3 Datasheet HTML 3Page - NEC PS2805-1-F3 Datasheet HTML 4Page - NEC PS2805-1-F3 Datasheet HTML 5Page - NEC PS2805-1-F3 Datasheet HTML 6Page - NEC PS2805-1-F3 Datasheet HTML 7Page - NEC PS2805-1-F3 Datasheet HTML 8Page - NEC PS2805-1-F3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS2805-1,PS2805-4
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
25
50
75
100
PS2805-4
PS2805-1
0.8 mW/˚C
0.6 mW/˚C
25
50
75
100
100
80
60
40
20
0
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
PS2805-1
PS2805-4
1.2 mW/˚C
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
120
100
80
60
40
20
0
0.1
5
50
1
10
100
0.5
0.7
0.9
1.1
1.4
0.8
1.0
1.2
1.3
1.5
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
TA = +100 ˚C
+60 ˚C
+25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
100
10 000
1 000
10
1
–50
–25
0
100
25
50
75
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
VCE = 80 V
40 V
24 V
10 V
5 V
–1.0
–1.5
0
–0.5
0.5
1.5
1.0
80
–40
–80
–60
0
–20
40
20
60
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
1 mA
IF = 50 mA
20 mA
10 mA
5 mA
2 mA
1
10
40
5
0.5
0.1
0.0
0.2
1.0
0.4
0.6
0.8
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE


Similar Part No. - PS2805-1-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805-1-F3 RENESAS-PS2805-1-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
More results

Similar Description - PS2805-1-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2765-1 NEC-PS2765-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2865-1 CEL-PS2865-1 Datasheet
334Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2765-1 RENESAS-PS2765-1 Datasheet
260Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
PS2865-1 RENESAS-PS2865-1 Datasheet
242Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com