Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2802-1-F4 Datasheet(PDF) 1 Page - NEC

Part # PS2802-1-F4
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2802-1-F4 Datasheet(HTML) 1 Page - NEC

  PS2802-1-F4 Datasheet HTML 1Page - NEC PS2802-1-F4 Datasheet HTML 2Page - NEC PS2802-1-F4 Datasheet HTML 3Page - NEC PS2802-1-F4 Datasheet HTML 4Page - NEC PS2802-1-F4 Datasheet HTML 5Page - NEC PS2802-1-F4 Datasheet HTML 6Page - NEC PS2802-1-F4 Datasheet HTML 7Page - NEC PS2802-1-F4 Datasheet HTML 8Page - NEC PS2802-1-F4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice.
Document No. P10125EJ4V0DS00 (4th edition)
Date Published May 1998 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS2802-1,PS2802-4
HIGH ISOLATION VOLTAGE
DARLINGTON TRANSISTOR TYPE
SOP PHOTOCOUPLER
©
1995
−NEPOCTM Series−
The mark
• shows major revised points.
DESCRIPTION
The PS2802-1 and PS2802-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon darlington-connected photo transistor in a plastic SOP for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4,16-pin SOP, Pin pitch 1.27 mm)
• High current transfer ratio (CTR = 2 000 % TYP. @ IF = 1 mA, VCE = 2 V)
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option): PS2802-4 only
• Ordering number of taping product: PS2802-1-F3, F4, PS2802-4-F3, F4
APPLICATIONS
• Programmable logic controllers
• Measuring instruments
•Hybrid IC


Similar Part No. - PS2802-1-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2802-1-F4 CEL-PS2802-1-F4 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-1-F4 RENESAS-PS2802-1-F4 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-1-F4-A CEL-PS2802-1-F4-A Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
More results

Similar Description - PS2802-1-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2702-1 RENESAS-PS2702-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
May 14, 2020
logo
California Eastern Labs
PS2702-1 CEL-PS2702-1 Datasheet
373Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2702-1 NEC-PS2702-1 Datasheet
113Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com