Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2801-4-F3 Datasheet(PDF) 4 Page - NEC

Part # PS2801-4-F3
Description  HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2801-4-F3 Datasheet(HTML) 4 Page - NEC

  PS2801-4-F3 Datasheet HTML 1Page - NEC PS2801-4-F3 Datasheet HTML 2Page - NEC PS2801-4-F3 Datasheet HTML 3Page - NEC PS2801-4-F3 Datasheet HTML 4Page - NEC PS2801-4-F3 Datasheet HTML 5Page - NEC PS2801-4-F3 Datasheet HTML 6Page - NEC PS2801-4-F3 Datasheet HTML 7Page - NEC PS2801-4-F3 Datasheet HTML 8Page - NEC PS2801-4-F3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PS2801-1,PS2801-4
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 5 mA
1.1
1.4
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
30
pF
Transistor
Collector to Emitter
Dark Current
ICEO
VCE = 80 V, IF = 0 mA
100
nA
Coupled
Current Transfer Ratio
(IC/IF)
CTR
IF = 5 mA, VCE = 5 V
80
600
%
Collector Saturation
Voltage
VCE(sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.4
pF
Rise Time
*1
tr
VCC = 5 V, IC = 2 mA, RL = 100
3
µs
Fall Time
*1
tf
5
*1 Test circuit for switching time
VCC
VOUT
RL = 100
IF
50
Pulse Input
PW = 100 s
Duty Cycle = 1/10
µ


Similar Part No. - PS2801-4-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-4-F3 CEL-PS2801-4-F3 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-4-F3 CEL-PS2801-4-F3 Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
Renesas Technology Corp
PS2801-4-F3 RENESAS-PS2801-4-F3 Datasheet
287Kb / 16P
   High isolation voltage Small and thin package
More results

Similar Description - PS2801-4-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2701A-1 NEC-PS2701A-1 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com