Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA-0270 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # MSA-0270
Description  Cascadable Silicon Bipolar MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-0270 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSA-0270 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-0270 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-0270 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-0270 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-280
MSA-0270 Typical Scattering Parameters (Z
O = 50 Ω, TA = 25°C, Id = 25 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
.11
179
12.6
4.26
176
–18.4
.120
1
.12
–8
0.2
.11
174
12.6
4.24
171
–18.6
.117
3
.12
–15
0.4
.10
169
12.5
4.21
162
–18.4
.120
4
.13
–30
0.6
.09
165
12.4
4.17
154
–18.2
.123
5
.14
–44
0.8
.08
161
12.3
4.11
146
–18.2
.123
7
.14
–55
1.0
.06
161
12.2
4.05
137
–18.0
.126
9
.15
–64
1.5
.02
–150
11.7
3.85
116
–17.2
.138
11
.16
–84
2.0
.06
–110
11.1
3.57
96
–16.3
.153
11
.16
–102
2.5
.11
–112
10.3
3.27
82
–15.7
.165
14
.14
–106
3.0
.17
–134
9.3
2.92
65
–15.2
.174
12
.13
–114
3.5
.22
–147
8.2
2.56
48
–14.7
.185
6
.15
–111
4.0
.26
156
7.0
2.23
33
–14.3
.192
3
.19
–107
5.0
.28
179
4.7
1.72
8
–14.0
.199
–6
.27
–107
6.0
.30
143
3.0
1.41
–13
–13.8
.204
–14
.29
–119
A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22
Typical Performance, T
A = 25°C
(unless otherwise noted)
0.1
0.3 0.5
1.0
3.0
6.0
FREQUENCY (GHz)
Figure 1. Typical Power Gain vs.
Frequency, TA = 25°C, Id = 25 mA.
I d (mA)
Figure 3. Power Gain vs. Current.
4
6
8
10
12
14
0
2
4
6
8
10
12
14
15
25
30
40
35
20
Gain Flat to DC
6.0
5.5
6.5
7.0
7.5
FREQUENCY (GHz)
Figure 6. Noise Figure vs. Frequency.
0.1
0.2 0.3
0.5
2.0
1.0
4.0
0.1
0.2 0.3
0.5
2.0
1.0
4.0
FREQUENCY (GHz)
Figure 5. Output Power at 1 dB Gain
Compression vs. Frequency.
0
2
4
6
8
10
12
Id = 40 mA
Id = 18 mA
Id = 25 mA
Vd (V)
Figure 2. Device Current vs. Voltage.
0
10
20
30
40
0
2
34
56
1
TC = +125°C
TC = +25°C
TC = –55°C
2
3
4
5
6
7
8
11
12
13
7
–55
–25
+25
+85
+125
8
6
5
4
3
2
TEMPERATURE (
°C)
Figure 4. Output Power at 1 dB Gain
Compression, NF and Power Gain vs.
Mounting Surface Temperature,
f = 1.0 GHz, Id = 25 mA.
NF
GP
P1 dB
0.1 GHz
0.5 GHz
1.0 GHz
2.0 GHz
Id = 18 mA
Id = 25 mA
Id = 40 mA


Similar Part No. - MSA-0270

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Broadcom Corporation.
MSA-0270 BOARDCOM-MSA-0270 Datasheet
159Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results

Similar Description - MSA-0270

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1120 HP-MSA-1120 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com