Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSC2110-SF Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # LSC2110-SF
Description  1 mW 14 Pin DIL Cooled Laser Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC2110-SF Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  LSC2110-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC2110-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC2110-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC2110-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC2110-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC2110-SF Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC2110-SF Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC2110-SF Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
463
5
-
1
-
0.04
-
-
1280
-
-
-
-
800
1.2
Absolute Maximum Ratings
Laser Forward Current
Laser Reverse Current
Laser Reverse Voltage
Photodiode Reverse Voltage
Photodiode Forward Current
Operating Temperature (Case)
Storage Temperature
Relative Humidity RH
Fiber Pull Strength
Mechanical Shock
Vibration
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided each
limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that limiting
values of more than one parameter can be applied to the product at the same time.
mA
µA
V
V
mA
°C
°C
%RH
N
If
Ir
VIr
Vr
Ipf
C
Ts
DC
DC
DC
DC
DC
Pf = 1 mW
Mil Std 883, Method 2002,
Test Condition A
Mil Std 883, Method 2007,
Test Condition A
Performance Specifications
non-
condensing
Max.
150
100
2
10
1
+85
+85
10
-
-
-
-
-
-40
-40
0-0
-
Min.
Limits
LASER
Threshold Current
Ith Change with Temperature
Peak Optical Output
Optical Output Power
Slope Efficiency
Forward Voltage
Differential Resistance
Center Wavelength
λc Change with Temperature
Linewidth
Rise Time
Fall Time
Small Signal Frequency Response
LSC2110
LSC4110
CW, Rt = 10 k
Ω, Tc = ~25°C
unless otherwise specified
Tc = 65
°C to 85°C
Pf = Pf @ Ith + 25 mA
Pth = Pf @ Ith - 2 mA
dV/dl
Note 1
Tc = 65
°C to 85°C, ∆T = -40°C
FWHM (2.35
σ), Note 1
10% to 90%: Ith to Pf = 1 mW
90% to 10%: Pf = 1 mW to Ith
m = 0.8
m = 0.8
Ith
∆Ith/∆T
Pf
Pth
η
Vf
Rd
λc
∆λc/∆T
∆λ
τr
τf
Bw
Bw
Symbol
Parameter
Test Conditions
Units
Note:
1. Modulated measurements also available.
Parameter
Units
Symbol
Conditions
Max.
25
2.5
2.5
50
0.1
1.8
10
1330
0.4
5
0.5
0.5
-
-
Min.
Test Limits
mA
%/
°C
mW
µW
mW/mA
V
nm
nm/
°C
nm
ns
ns
MHz
GHz
Units


Similar Part No. - LSC2110-SF

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-BI HP-LSC2110-622-BI Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-DN HP-LSC2110-622-DN Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-FP HP-LSC2110-622-FP Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-SA HP-LSC2110-622-SA Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
More results

Similar Description - LSC2110-SF

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
OKI electronic componet...
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
EUROQUARTZ limited
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
logo
OKI electronic componet...
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com