Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARM7TDMI Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ARM7TDMI
Description  Technical Reference Manual
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ARM7TDMI Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ARM7TDMI Datasheet HTML 55Page - ATMEL Corporation ARM7TDMI Datasheet HTML 56Page - ATMEL Corporation ARM7TDMI Datasheet HTML 57Page - ATMEL Corporation ARM7TDMI Datasheet HTML 58Page - ATMEL Corporation ARM7TDMI Datasheet HTML 59Page - ATMEL Corporation ARM7TDMI Datasheet HTML 60Page - ATMEL Corporation ARM7TDMI Datasheet HTML 61Page - ATMEL Corporation ARM7TDMI Datasheet HTML 62Page - ATMEL Corporation ARM7TDMI Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 284 page
background image
Programmer’s Model
ARM DDI 0029G
Copyright © 1994-2001. All rights reserved.
2-13
2.7
The program status registers
The ARM7TDMI processor contains a CPSR and five SPSRs for exception handlers to
use. The program status registers:
hold information about the most recently performed ALU operation
control the enabling and disabling of interrupts
set the processor operating mode.
The arrangement of bits is shown in Figure 2-6.
Figure 2-6 Program status register format
Note
To maintain compatibility with future ARM processors, you must not alter any of the
reserved bits. One method of preserving these bits is to use a read-write-modify strategy
when changing the CPSR.
The remainder of this section describes:
Condition code flags on page 2-13
Control bits on page 2-14
Reserved bits on page 2-15.
2.7.1
Condition code flags
The N, Z, C, and V bits are the condition code flags, you can set them by arithmetic and
logical operations. They can also be set by MSR and LDM instructions. The
ARM7TDMI processor tests these flags to determine whether to execute an instruction.
31 30 29 28 27 26 25 24 23
8 7 6
4 3 2 1 0
Reserved
Condition
code flags
Control bits
Mode bits
State bit
FIQ disable
IRQ disable
Overflow
Carry or borrow or extend
Zero
Negative or less than
5
N Z C V • • • • •
• I F
M4 M3 M2 M1 M0
T


Similar Part No. - ARM7TDMI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
More results

Similar Description - ARM7TDMI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM940T ETC1-ARM940T Datasheet
2Mb / 230P
   TECHNICAL REFERENCE MANUAL
ARM926EJ-S ETC2-ARM926EJ-S Datasheet
1Mb / 236P
   Technical Reference Manual
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Magnetrol International...
S21-1A1A-012 MAGNETROL-S21-1A1A-012 Datasheet
238Kb / 15P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC Datasheet
1Mb / 118P
   Technical Reference Manual
ARM920T ATMEL-ARM920T_14 Datasheet
2Mb / 350P
   Technical Reference Manual
logo
Cypress Semiconductor
CY8C20X34 CYPRESS-CY8C20X34 Datasheet
2Mb / 218P
   Technical Reference Manual (TRM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com