Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IVA-14208 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. IVA-14208
Description  Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

IVA-14208 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
6-186
IVA-14208, -14228
Guaranteed Electrical Specifications All measurements reflect single-ended
(unbalanced) performance. T
case = 25°C. VCC = 6 V, VEE = 0 V, VGC = 0 V, ZL = 50 Ω
IVA-14208
IVA-14228
Symbol
Parameter
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
GP
Power Gain (|S
21|
2), f = 1 GHz
dB
20
24
22
24
∆GP
Gain Flatness, f = 0.05 to 2 GHz
dB
± 1.2
± 0.7
f
3dB
3 dB Bandwidth
GHz
2.0
2.5
2.2
2.5
GCR
Gain Control Range[2], f = 1 GHz,
dB
30
34
30
34
V
GC = 0 to 5 V
ISO
Reverse Isolation (|S12|
2), f = 1 GHz,
dB
37
40
VGC = 0 to 5 V
VSWR
Input VSWR, f = 0.05 to 2.0 GHz,
2:1
2:1
V
GC = 0 to 5 V
Output VSWR, f = 0.05 to 2.0 GHz,
2:1
2.5:1
V
GC = 0 to 5 V
NF
50
Ω Noise Figure, f = 1 GHz
dB
9.0
9.0
P
ldB
Output Power at 1 dB Gain,
dBm
-2.0
-2.0
Compression f = 1 GHz
V
OUT
Pk-Pk Single-ended Output Voltage,
mVpp
450
450
f = 1 GHz
IP3
Third Order Intercept Point, f = 1 GHz
dBm
8
8
t
D
Group Delay, f = 1 GHz
psec
450
450
I
cc
Supply Current
mA
28
38
48
28
38
48
Notes:
1. The recommended operating voltage range for these devices is 5 to 8 V. Typical performance as a function of voltage is shown in the
graphs on the following pages.
2. The recommended gain control range for these devices for dynamic control is 0 to 4.2 V. Operation at gain control settings above 4.2 V
may result in gain control increase rather than gain decrease. See figures 4 and 19.
IVA-14208, -14228 Absolute Maximum Ratings[1]
Symbol
Parameter
Units
IVA-14208
IVA-14228
V
CC-VEE
Device Voltage, T
case = 25°C
Volts
12
12
P
in
Input Power, T
case = 25°C
dBm
13
13
V
GC-VEE
Control Voltage, T
case = 25°C
Volts
10
10
T
i
Junction Temperature+
°C
150
200
T
stg
Storage Temperature
°C
-65to+150
-65to+200
P
t
Total Device Dissipation
mW
1000[2]
1000[3]
Thermal Resistance:
IVA-14208 Thermal Resistance Junction to Case[4]:
θ
jc = 68°C/W
IVA-14228 Thermal Resistance Junction to Case[4]:
θ
jc = 63°C/W
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. Tcase = 25°C. Derate at 14.7 mW/°C for Tcase > 82°C.
3. Tcase = 25°C. Derate at 15.9 mW/°C for Tcase > 137°C.
4. Tj= 150°C.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn