Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IVA-14208 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # IVA-14208
Description  Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IVA-14208 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  IVA-14208 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 4Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 5Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 6Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6-191
IVA-14208, -14228 Part Number Ordering Information
Part Number
Container Type
Qty. per Container
IVA-14208-STR
BIP Strip
1
IVA-14208-TR1
7" Reel
1000
IVA-14228-STR
BIP Strip
1
SO-8 Package Dimensions for IVA-14208
28 Package Dimensions for IVA-14228
2.794 (0.110)
2.286 (0.090)
6.731 (0.265)
6.223 (0.245)
0.178 (0.007)
0.076 (0.003)
0.457 (0.018)
0.305 (0.012)
10.414 (0.410)
9.906 (0.390)
4.699 (0.182)
4.445 (0.172)
1.27
(0.050)
TYP
2.337 (0.092)
1.829 (0.072)
V
AC GROUND
ee
18
27
36
45
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. CONTROLLING DIMENSIONS ARE IN INCHES.
5.84/6.20
(.230/.244)
3.80/4.00
(.1497/.1574)
Pin 1
1.27 (.050)
6x
4.72/5.00
(.186/.197)
0.10/0.25
(.004/.0098)
0.33/0.51
(.013/.020) 8X
1.35/1.75
(.0532/.0688)
0.19/0.25
(.0075/.0098)
0.41/1.27
(.016/.050)
0
°/8°
0.38
± 0.10
(.015
± .004) x 45°
0.10 (.004)
Note:
1. Dimensions are shown in millimeters (inches).
V142


Similar Part No. - IVA-14208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208-STR HP-IVA-05208-STR Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208-TR1 HP-IVA-05208-TR1 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
More results

Similar Description - IVA-14208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0836 AVAGO-MSA-0836 Datasheet
376Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier Usable Gain to 6.0 GHz
logo
Hittite Microwave Corpo...
HMC152 HITTITE-HMC152 Datasheet
136Kb / 4P
   PHASE COMPENSATED VARIABLE GAIN AMPLIFIER 2.5 - 5.0 GHz
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
   Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com