Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IVA-05208 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. IVA-05208
Description  Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

IVA-05208 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-179
IVA-05208 Typical Performance, T
A = 25°C, VCC = 5 V, Vee = 0 V
0.2
0.1
0.5
1.0
2.0
4.0
FREQUENCY (GHz)
–40
–20
0
20
40
VCC (V)
Figure 2. Power Gain and P1 dB at
0.5GHz and ICC vs. Bias Voltage with
Vgc = 0 V.
Figure 1. Typical Variable Gain vs.
Frequency.
–8
–6
–4
–2
0
2
10
20
30
40
50
60
10
20
30
40
50
60
3
567
4
Vgc < 2.4 V
P1 dB
3.7 V
3.4 V
4.0 V
5.0 V
ICC
GP
Vgc (V)
Figure 3. Power Gain and P1 dB at
0.5GHz and Igc vs. Gain Control
Voltage.
–20
0
20
10
–10
30
40
0
1
2
3
4
6
5
03
4
5
2
1
P1 dB
GP
Igc
0.2
0.01
0.5
1.0
2.0
4.0
FREQUENCY (GHz)
–25
–20
–15
–10
–5
0
Figure 4. P1 dB vs. Frequency.
GP = 30 dB
GP = 15 dB
GP = 5 dB
GP = –5 dB
0.2
0.01
0.5
1.0
2.0
4.0
FREQUENCY (GHz)
5
15
25
35
Figure 5. Noise Figure vs. Frequency.
GP = 10 dB
GP = 15 dB
GP = 20 dB
GP = 25 dB
GP = 30 dB
0.2
0.1
0.5
1.0
2.0
4.0
FREQUENCY (GHz)
1:1
2:1
3:1
Figure 6. Input and Output VSWR vs.
Frequency, Vgc = 0–5 V.
INPUT
Vgc = 0 V
Vgc = 5 V
OUTPUT
Vgc = 0 V
Vgc = 5 V


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn