Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IVA-05208 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. IVA-05208
Description  Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

IVA-05208 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-177
Silicon Bipolar MMIC 1.5 GHz
Variable Gain Amplifier
Technical Data
IVA-05208
Features
• Differential Input and
Output Capability
• DC to 1.5 GHz Bandwidth;
2.0 Gb/s Data Rates
• High Gain: 30 dB Typical
• Wide Gain Control Range:
30 dB Typical
• 5 V Bias
• 5 V Vgc Control Voltage,
Igc < 3mA
• Fast Gain Control Response:
< 10 ns Typical
• Low Cost Plastic Surface
Mount Package
Description
The IVA-05208 is a variable gain
amplifier housed in a miniature
low cost plastic surface mount
package. This device can be used
in any combination of single-
ended or differential inputs or
outputs (see Functional Block
Diagram). The lowest frequency
of operation is limited only by the
values of user selected blocking
and bypass capacitors.
Typical applications include
variable gain amplification for
fiber optic systems (e.g., SONET)
with data rates up to 2.0 Gb/s,
mobile radio and satellite
receivers, millimeter wave
receiver IF amplifiers and
communication receivers.
The IVA series of variable gain
amplifiers is fabricated using HP’s
10 GHz fT, 25 GHz fMAX
ISOSAT™-I silicon bipolar
process. This process uses nitride
self-alignment, submicrometer
lithography, trench isolation, ion
implantation, gold metallization
and polyimide inter-metal
dielectric and scratch protection
to achieve excellent performance,
uniformity and reliability.
SO-8 Package
Typical Biasing Configuration and Functional Block Diagram
C block
C bypass
C bypass
C block
VCC = 5 V
Vgc
C block
Vee = 0 V
Input
1
2
Output –
Output +
3
C block
Input
4
8
7
6
5
Differential Input / Differential Output
Single Ended Input / Single Ended Output
C block
C bypass
C bypass
C block
VCC = 5 V
Vgc
C block
Vee = 0 V
Input
1
2
Output +
50
Ω*
3
C bypass
4
8
7
6
5
* Optional: For Single-Ended Output operation, Pin 7
may be left unterminated (no C block or 50 Ω)
C bypass = 1000 pF typical
Good grounding of Pins 2, 3 is critical for proper
operation and good VSWR performance of this part.
5965-9682E
PIN 1


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn