Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IVA-05208 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. IVA-05208
Description  Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

IVA-05208 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6-180
SO-8 Package Dimensions
IVA-05208 Part Number Ordering Information
Part Number
Number of Devices
Container
IVA-05208-TR1
1,000
7" Reel
IVA-05208-STR
10
Strip
IVA-05208 Typical Performance, continued, T
A = 25°C, VCC = 5 V, Vee = 0 V
0.2
0.1
0.5
1.0
2.0
4.0
FREQUENCY (GHz)
300
500
700
Figure 7. Group Delay vs. Frequency.
GP = –3 dB
GP =30 dB
GP = 5 dB
TEMPERATURE (C)
Figure 8. Power Gain and P1 dB at
0.5GHz and ICC vs. Case Temperature
with Vgc = 0 V.
–3.0
–2.8
–2.6
–2.4
–2.2
28
30
32
34
36
38
–55
+25
+85
+125
–25
28
30
32
34
36
38
P1 dB
ICC
GP
5.84/6.20
(.230/.244)
3.80/4.00
(.1497/.1574)
Pin 1
1.27 (.050)
6x
4.72/5.00
(.186/.197)
0.10/0.25
(.004/.0098)
0.33/0.51
(.013/.020) 8X
1.35/1.75
(.0532/.0688)
0.19/0.25
(.0075/.0098)
0.41/1.27
(.016/.050)
0
°/8°
0.38
± 0.10
(.015
± .004) x 45°
0.10 (.004)
Note:
1. Dimensions are shown in millimeters (inches).
V052


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn