Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IVA-05128 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. IVA-05128
Description  Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

IVA-05128 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-175
IVA-05128 Typical Performance, TA = 25°C, VCC = 5 V, Vee = 0 V
(unless otherwise noted)
0.2
0.1
0.5
1.0
2.0
4.0
RF FREQUENCY (GHz)
TEMPERATURE (C)
Figure 3. Power Gain and P1 dB at
0.5GHz and ICC vs. Case Temperature
with Vgc = 0 V.
–3
–2
–1
0
1
25
30
35
40
45
–30
–20
–10
0
10
20
30
–55
+25
+85
+125
–25
VCC (V)
Figure 2. Power Gain and P1 dB at
0.5GHz and ICC vs. Bias Voltage with
Vgc = 0 V.
Figure 1. Typical Variable Gain vs.
Frequency.
–10
–8
–6
–4
–2
0
20
25
30
35
40
45
20
22
24
26
28
30
3
567
4
22
24
26
28
30
Vgc < 2.5 V
P1 dB
3.7 V
4.0 V
5.0 V
ICC
GP
Vgc (V)
Figure 4. Power Gain and P1 dB at
0.5GHz and Igc vs. Gain Control
Voltage.
–20
–10
0
10
20
30
0
1
2
3
4
5
03
4
5
2
1
P1 dB
P1 dB
GP
GP
Igc
ICC
0.2
0.1
0.5
1.0
2.0
4.0
FREQUENCY (GHz)
–25
–20
–15
–10
–5
0
Figure 5. P1 dB vs. Frequency.
GP = 15 –25 dB
GP = 5 dB
GP = –5 dB
0.2
0.1
0.5
1.0
2.0
4.0
FREQUENCY (GHz)
5
10
15
20
25
Figure 6. Noise Figure vs. Frequency.
GP = 10 dB
GP = 15 dB
GP = 25 dB


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn